전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KBL06 데이터시트(PDF) 1 Page - DIOTEC Electronics Corporation

부품명 KBL06
상세설명  4 AMP SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DEC [DIOTEC Electronics Corporation]
홈페이지  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

KBL06 데이터시트(HTML) 1 Page - DIOTEC Electronics Corporation

  KBL06 Datasheet HTML 1Page - DIOTEC Electronics Corporation KBL06 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Data Sheet No. BKBL-400-1C
MECHANICAL SPECIFICATION
4 AMP SILICON BRIDGE RECTIFIERS
Case:
Terminals: Round silver plated pins
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Marked on case
Mounting Position: Any
Weight: 0.2 Ounces (5.6 Grams)
Molded Epoxy (UL Flammability Rating 94V-0)
E17
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
Average Forward Rectified Current @ T = 65 C
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
I
V
V
V
SYMBOL
RATINGS
UNITS
VOLTS
KBL
KBL
KBL
KBL
KBL
KBL
KBL
50
100
200
400
1000
35
70
140
280
700
4
Peak Forward Surge Current. Single 60Hz Half-Sine Wave
Superimposed on Rated Load (JEDEC Method). T = 150 C
Maximum Forward Voltage (Per Diode) at 4 Amps DC
VOLTS
AMPS
V
I
200
0.95 (Typical < 0.90)
Maximum Average DC Reverse Current
At Rated DC Blocking Voltage
I
°C/W
A
@ T = 25 C
@ T = 125 C
1
50
19.0
2.4
Operating and Storage Temperature Range
T ,T
°C
-55 to +150
600
800
50
100
200
400
1000
600
800
420
560
00
01
02
04
06
08
10
ACTUAL SIZE OF
KBL PACKAGE
0.620
15.75
16.00
0.630
A1
A
+
_
L
D
C
L1
B
B1
KBLO8
SERIES KBL00 - KBL10
R
DIOTEC
U
+
_
DIOTEC
KBLO8
R
U
+
_
UL RECOGNIZED - FILE #E141956
Typical Thermal Resistance
R
R
Junction to Lead (Note 1)
BUILT-IN STRESS RELIEF MECHANISM FOR
SUPERIOR RELIABILITY AND PERFORMANCE
SURGE OVERLOAD RATING TO 200 AMPS PEAK
IDEAL FOR PRINTED CIRCUIT BOARD APPLICATIONS
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
VOLTS
Minimum Insulation Breakdown Voltage (Circuit to Case)
V
2500
RoHS COMPLIANT
MECHANICAL DATA


유사한 부품 번호 - KBL06

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
KBL06 SEMTECH-KBL06 Datasheet
128Kb / 2P
   4.0A SINGLE - PHASE SILICON BRIDGE
logo
New Jersey Semi-Conduct...
KBL06 NJSEMI-KBL06 Datasheet
83Kb / 1P
   SINGLE - PHASE SILICON BRIDGE RECTIFIERS
logo
MIC GROUP RECTIFIERS
KBL06 MIC-KBL06 Datasheet
107Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Digitron Semiconductors
KBL06 DIGITRON-KBL06 Datasheet
164Kb / 2P
   SINGLE PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBL06 CHENYI-KBL06 Datasheet
155Kb / 2P
   SINGLE PHASE GLASS BRIDGE RECTIFIER
More results

유사한 설명 - KBL06

제조업체부품명데이터시트상세설명
logo
DIOTEC Electronics Corp...
SB400L DEC-SB400L Datasheet
392Kb / 2P
   4 AMP SILICON BRIDGE RECTIFIERS
04KBL DEC-04KBL Datasheet
352Kb / 2P
   4 AMP SILICON BRIDGE RECTIFIERS
04SBU DEC-04SBU Datasheet
472Kb / 2P
   4 AMP SILICON BRIDGE RECTIFIERS
BRSB-400-1C DEC-BRSB-400-1C Datasheet
394Kb / 2P
   4 AMP SILICON BRIDGE RECTIFIERS
SBU4A DEC-SBU4A Datasheet
469Kb / 2P
   4 AMP SILICON BRIDGE RECTIFIERS
BKBL-400-1C DEC-BKBL-400-1C Datasheet
352Kb / 2P
   4 AMP SILICON BRIDGE RECTIFIERS
BSBU-400-1C DEC-BSBU-400-1C Datasheet
472Kb / 2P
   4 AMP SILICON BRIDGE RECTIFIERS
04SBL DEC-04SBL Datasheet
394Kb / 2P
   4 AMP SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
BR10005 SECOS-BR10005 Datasheet
193Kb / 2P
   AMP Silicon Bridge Rectifiers
logo
DIOTEC Electronics Corp...
SB500 DEC-SB500 Datasheet
318Kb / 2P
   5 AMP SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com