전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD21CDY 데이터시트(PDF) 3 Page - Teledyne Technologies Incorporated

부품명 CD21CDY
상세설명  2A, 60Vdc Optically isolated, Shot -Circuit protected DC Solid-State Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TELEDYNE [Teledyne Technologies Incorporated]
홈페이지  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CD21CDY 데이터시트(HTML) 3 Page - Teledyne Technologies Incorporated

  CD21CDY Datasheet HTML 1Page - Teledyne Technologies Incorporated CD21CDY Datasheet HTML 2Page - Teledyne Technologies Incorporated CD21CDY Datasheet HTML 3Page - Teledyne Technologies Incorporated CD21CDY Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


유사한 부품 번호 - CD21CDY

제조업체부품명데이터시트상세설명
logo
Teledyne Technologies I...
CD21CDY TELEDYNE-CD21CDY Datasheet
746Kb / 4P
   2A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
logo
Willow Technologies Ltd
CD21CDY WILLOW-CD21CDY Datasheet
746Kb / 4P
   DC Solid-State Relay
More results

유사한 설명 - CD21CDY

제조업체부품명데이터시트상세설명
logo
Teledyne Technologies I...
SCD21CDY TELEDYNE-SCD21CDY Datasheet
746Kb / 4P
   2A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
SR75-1W TELEDYNE-SR75-1W Datasheet
201Kb / 2P
   1.5A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
HD00CFW TELEDYNE-HD00CFW Datasheet
1Mb / 5P
   2A, 60Vdc, True Output Status Feedback,Short-Circuit Protected, DC Solid-State Relay
06/2023
SR75-1 TELEDYNE-SR75-1 Datasheet
201Kb / 2P
   1.5A, 60Vdc Optically Isolated, Short-Circuit Protected
logo
Micropac Industries
53262 MICROPAC-53262 Datasheet
114Kb / 4P
   SOLID STATE RELAY, 400VDC- 0.5A OPTICALLY ISOLATED, SHORT CIRCUIT PROTECTED
logo
Tyco Electronics
DS11-1Y MACOM-DS11-1Y Datasheet
124Kb / 4P
   DC solid state relay for loads up to 2A @ 60Vdc
logo
Teledyne Technologies I...
SR75-2W TELEDYNE-SR75-2W Datasheet
204Kb / 2P
   0.75A, 300Vdc Optically Isolated, Short-Circuit Protected for AC or DC Loads DC Solid-State Relay
logo
List of Unclassifed Man...
M28750 ETC1-M28750 Datasheet
252Kb / 2P
   MILITARY SOLID STATE RELAY OPTICALLY ISOLATED
logo
Teledyne Technologies I...
C75-2 TELEDYNE-C75-2 Datasheet
859Kb / 2P
   Optically Isolated 1.0A with Short-Circuit Protection & Trip Status DC Solid-State Relay
logo
Willow Technologies Ltd
602 WILLOW-602 Datasheet
536Kb / 2P
   10A, 250Vac Optically Isolated AC Solid-State Relay
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com