전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD05-12D3 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 FDD05-12D3
상세설명  DC-DC CONVERTER 5 ~ 6W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

FDD05-12D3 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  FDD05-12D3 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDD05-12D3 Datasheet HTML 2Page - List of Unclassifed Manufacturers FDD05-12D3 Datasheet HTML 3Page - List of Unclassifed Manufacturers FDD05-12D3 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DC-DC CONVERTER
FDD05 SERIES
5 ~ 6W
CHINFA ELECTRONICS IND., CO. LTD.
ISO 9001 Certified
www.chinfa.com
sales@chinfa.com
MECHANISM & PIN CONFIGURATION
mm [inch]
PHYSICAL CHARACTERISTICS
PIN ASSIGMENT
PIN NO.
1
2
3
4
5
SINGLE
Vi+
Vi-
Vo+
NO PIN
Vo-
DUAL
Vi+
Vi-
Vo+
com
Vo-
Derating:
[TABLE 1]
90
-25
Ambient Temperture [℃]
70
60
0
NATURAL
CONVECTION
COOLING
100
CASE SIZE
50.8 x 50.8 x 12mm
2 x 2 x 0.47inches
CASE MATERIAL
Plastic
WEIGHT
45 g


유사한 부품 번호 - FDD05-12D3

제조업체부품명데이터시트상세설명
logo
Chinfa Electronics Ind....
FDD05-12D3 CHINFA-FDD05-12D3 Datasheet
168Kb / 4P
   DC - AC CONCERTER 5~6W SINGLE & DUAL OUTPUT
More results

유사한 설명 - FDD05-12D3

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
RDD05 ETC1-RDD05 Datasheet
158Kb / 4P
   DC-DC CONVERTER 5 - 6W ( RDD05 SERIES )
logo
Minmax Technology Co., ...
MDWI06 MINMAX-MDWI06 Datasheet
462Kb / 4P
   DC-DC CONVERTER 6W
MIW06M MINMAX-MIW06M Datasheet
941Kb / 5P
   DC-DC CONVERTER 6W
logo
Chinfa Electronics Ind....
TDD05-03S4 CHINFA-TDD05-03S4 Datasheet
524Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05U CHINFA-IDD05U Datasheet
212Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05-03S4U CHINFA-IDD05-03S4U Datasheet
211Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_11 Datasheet
382Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
FDD05 CHINFA-FDD05_10 Datasheet
193Kb / 4P
   DC - DC CONVERTER 5~6W 5V INPUT MODEL
RDD05-03S1U CHINFA-RDD05-03S1U Datasheet
503Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05-03S4 CHINFA-TDD05-03S4_10 Datasheet
202Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com