전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33975EK 데이터시트(PDF) 1 Page - Freescale Semiconductor, Inc

부품명 MC33975EK
상세설명  Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33975EK 데이터시트(HTML) 1 Page - Freescale Semiconductor, Inc

  MC33975EK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33975EK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33975EK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33975EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33975EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33975EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33975EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33975EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33975EK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Document order number: MC33975
Rev 4.0, 08/2005
Freescale Semiconductor
Technical Data
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2005. All rights reserved.
Multiple Switch Detection
Interface with Suppressed
Wake-Up and 32mA Wetting
Current
Freescale offers multiple Switch Detection Interface Devices. The
33975 Multiple Switch Detection Interface with Suppressed Wake-Up
is designed to detect the closing and opening of up to 22 switch
contacts. The switch status, either open or closed, is transferred to the
microprocessor unit (MCU) through a serial peripheral interface (SPI).
The device also features a 22-to-1 analog multiplexer for reading
inputs as analog.
The 33975 device has two modes of operation, Normal and Sleep.
Normal mode allows programming of the device and supplies switch
contacts with pull-up or pull-down current as it monitors switch change
of state. The Sleep mode provides low quiescent current, which makes
the 33975 ideal for automotive and industrial products requiring low
sleep state currents.
Improvements are a programmable interrupt timer for Sleep mode
that can be disabled, switch detection currents of 32 mA and 4.0 mA
for switch-to-ground inputs, and an interrupt bit that can be reset.
Features
• Designed to Operate 5.5 V ≤ VPWR ≤ 28 V
• Switch Input Voltage Range -14 V to VPWR
• Interfaces Directly to Microprocessor Using 3.3 V/5.0 V SPI
Protocol
• Selectable Wake-Up on Change of State
• Selectable Wetting Current (32 mA or 4.0 mA for switch-to-ground
inputs)
• 8 Programmable Inputs (Switches to Battery or Ground)
• 14 Switch-to-Ground Inputs
•VPWR Standby Current 100 µA Typical, VDD Standby Current 20 µA Typical
• Pb-free 32-terminal suffix EK
Figure 1. 33975 Simplified Application Diagram
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33975EK/R2
-40°C to 125°C
32 SOICW-EP
PC33975AEK/R2
EK Suffix (Pb-Free)
98ARL10543D
32-TERMINAL SOICW EP
33975
33975A
MULTIPLE SWITCH
DETECTION INTERFACE WITH
SUPPRESSED WAKE-UP
33975
VBAT
VBAT
SP0
SP1
SP7
SG0
SG1
SG12
SG13
VPWR
VDD
AMUX
WAKE
GND
INT
SO
SI
SCLK
CS
MCU
AN0
INT
MISO
MOSI
SCLK
CS
Power Supply
LVI
Watchdog
Reset
Enable
VBAT
VDD
VDD


유사한 부품 번호 - MC33975EK

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC33975EK FREESCALE-MC33975EK Datasheet
1Mb / 34P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
MC33975EKR2 FREESCALE-MC33975EKR2 Datasheet
1Mb / 34P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
More results

유사한 설명 - MC33975EK

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
33975 FREESCALE-33975_08 Datasheet
1Mb / 34P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
logo
Freescale Semiconductor...
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
MC33972 FREESCALE-MC33972_08 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
CD1030 NXP-CD1030 Datasheet
1Mb / 67P
   33 channel multiple switch detection interface with programmable wetting current
Rev. 5.0, 7/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com