전자부품 데이터시트 검색엔진 |
|
ES29DS640EB-90TGI 데이터시트(PDF) 10 Page - Excel Semiconductor Inc. |
|
ES29DS640EB-90TGI 데이터시트(HTML) 10 Page - Excel Semiconductor Inc. |
10 / 53 page ES I ES I 10 Rev. 0B January 5 , 2006 ES29LV160E Excel Semiconductor inc. Operation CE# OE# WE# RESET# Addresses (Note 1) DQ0 ~ DQ7 DQ8~DQ15 BYTE# = VIH BYTE# = VIL Read L L H H AIN DOUT DOUT DQ8~DQ14 = High-Z, DQ15 = A-1 Write L H L H AIN (Note 3) (Note 3) Standby Vcc+ 0.3V XX Vcc+ 0.3V X High-Z High-Z High-Z Output Disable Reset L H H H X High-Z High-Z X X X L X High-Z High-Z In-system Sector Protect (Note 2) LH L VID SA,A6=L, A1=H,A0=L (Note 3) X X Sector Unprotect (Note 2) L H L VID SA,A6=H, A1=H,A0=L (Note 3) X X Temporary Sector Unprotect X X X VID AIN (Note 3) (Note 3) High-Z A9 High-Volt- age Method Sector protect L VID L H SA,A9=VID, A6=L, A1=H,A0=L (Note 3) (Note 3) High-Z Sector unprotect L VID L H SA,A9=VID, A6=H, A1=H,A0=L Table 1. ES29LV160 Device Bus Operations Legend: L=Logic Low=VIL, H=Logic High=VIH, VID=11.5-12.5V, X=Don’t Care, SA=Sector Address, AIN=Address In, DIN=Data In, DOUT=Data Out Notes: 1. Addresses are A19:A0 in word mode (BYTE#=VIH) , A19:A-1 in byte mode (BYTE#=VIL). 2. The sector protect and sector unprotect functions may also be implemented via programming equipment. See the “Sector Pro- tection and Unprotection” section. 3. DIN or DOUT as required by command sequence, data polling, or sector protection algorithm. Description CE# OE# WE# A19 to A12 A11 to A10 A9 A8 to A7 A6 A5 to A2 A1 A0 DQ8~DQ15 DQ7~DQ0 BYTE# = VIH BYTE# = VIL ManufactureID:ESI L L H XX VID XL X L L X X4Ah Device ID: ES29LV160 LLH X X VID X L X L H 22h X C4h(T),49h(B) Sector Protection Verification LLH SA X VID XL X H L X X 01h(protected) 00h(unprotected) Legend: T= Top Boot Block, B = Bottom Boot Block, L=Logic Low=VIL, H=Logic High=VIH, SA=Sector Address, X = Don’t care Table 2. Autoselect Codes (A9 High-Voltage Method) |
유사한 부품 번호 - ES29DS640EB-90TGI |
|
유사한 설명 - ES29DS640EB-90TGI |