전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES29LV400FB-90TGI 데이터시트(PDF) 2 Page - Excel Semiconductor Inc.

부품명 ES29LV400FB-90TGI
상세설명  32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXCELSEMI [Excel Semiconductor Inc.]
홈페이지  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29LV400FB-90TGI 데이터시트(HTML) 2 Page - Excel Semiconductor Inc.

  ES29LV400FB-90TGI Datasheet HTML 1Page - Excel Semiconductor Inc. ES29LV400FB-90TGI Datasheet HTML 2Page - Excel Semiconductor Inc. ES29LV400FB-90TGI Datasheet HTML 3Page - Excel Semiconductor Inc. ES29LV400FB-90TGI Datasheet HTML 4Page - Excel Semiconductor Inc. ES29LV400FB-90TGI Datasheet HTML 5Page - Excel Semiconductor Inc. ES29LV400FB-90TGI Datasheet HTML 6Page - Excel Semiconductor Inc. ES29LV400FB-90TGI Datasheet HTML 7Page - Excel Semiconductor Inc. ES29LV400FB-90TGI Datasheet HTML 8Page - Excel Semiconductor Inc. ES29LV400FB-90TGI Datasheet HTML 9Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
ES I
ES I
2
Rev. 0A May 25, 2006
ES29LV320E
Excel Semiconductor inc.
The ES29LV320 is a 32 megabit, 3.0 volt-only flash
memory device, organized as 4M x 8 bits (Byte
mode) or 2M x 16 bits (Word mode) which is config-
urable by BYTE#. Eight boot sectors and sixty three
main sectors with uniform size are provided :
8Kbytes x 8 and 64Kbytes x 63. The device is man-
ufactured with ESI’s proprietary, high performance
and highly reliable 0.18um CMOS flash technology.
The device can be programmed or erased in-sys-
tem with standard 3.0 Volt Vcc supply ( 2.7V~3.6V)
and can also be programmed in standard EPROM
programmers. The device offers minimum endur-
ance of 100,000 program/erase cycles and more
than 10 years of data retention.
The ES29LV320 offers access time as fast as 70ns
or 90ns, allowing operation of high-speed micropro-
cessors without wait states. Three separate control
pins are provided to eliminate bus contention : chip
enable (CE#), write enable (WE#) and output
enable (OE#).
All program and erase operation are automatically
and internally performed and controlled by embed-
ded program/erase algorithms built in the device.
The device automatically generates and times the
necessary high-voltage pulses to be applied to the
cells, performs the verification, and counts the num-
ber of sequences. Some status bits (DQ7, DQ6 and
DQ5) read by data# polling or toggling between
consecutive read cycles provide to the users the
internal status of program/erase operation: whether
it is successfully done or still being progressed.
Extra Security Sector of 256 bytes
In the device, an extra security sector of 256 bytes is
provided to customers. This extra sector can be
used for various purposes such as storing ESN
(Electronic Serial Number) or customer’s security
codes. Once after the extra sector is written, it can
be permanently locked by the device manufacturer
(factory-locked) or a customer(customer-lockble).
At the same time, a lock indicator bit (DQ7) is per-
manently set to a 1 if the part is factory- locked, or
set to 0 if it is customer-lockable. Therefore, this lock
indicator bit (DQ7) can be properly used to avoid
that any customer-lockable part is used to replace a
factory-locked part. The extra security sector is an
extra memory space for customers when it is used
as a customer-lockable version. So, it can be read
and written like any other sectors. But it should be
noted that the number of E/W(Erase and Write)
cycles is limited to 300 times (maximum) only in the
Security Sector.
Special services such as ESN and factory-lock are
available to customers (ESI’s Special-Code service
) The ES29LV320 is completely compatible with the
JEDEC standard command set of single power sup-
ply Flash. Commands are written to the internal
command register using standard write timings of
microprocessor and data can be read out from the
cell array in the device with the same way as used in
other EPROM or flash devices.
GENERAL PRODUCT DESCRIPTION


유사한 부품 번호 - ES29LV400FB-90TGI

제조업체부품명데이터시트상세설명
logo
Excel Semiconductor Inc...
ES29LV400FB-90TGI EXCELSEMI-ES29LV400FB-90TGI Datasheet
700Kb / 53P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

유사한 설명 - ES29LV400FB-90TGI

제조업체부품명데이터시트상세설명
logo
Excel Semiconductor Inc...
ES29LV320D EXCELSEMI-ES29LV320D Datasheet
583Kb / 59P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L320A AMICC-A29L320A Datasheet
567Kb / 50P
   4M X 8 Bit / 2M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29DL320 EXCELSEMI-ES29DL320 Datasheet
770Kb / 59P
   32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
ES29LV160E EXCELSEMI-ES29LV160E Datasheet
700Kb / 53P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV160D EXCELSEMI-ES29LV160D Datasheet
707Kb / 54P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L320 AMICC-A29L320 Datasheet
588Kb / 44P
   4M X 8 Bit / 2M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160_07 Datasheet
531Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160 Datasheet
556Kb / 45P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Austin Semiconductor
AS29LV016J AUSTIN-AS29LV016J Datasheet
420Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com