전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVXZ161284MEA 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74LVXZ161284MEA
상세설명  Low Voltage IEEE 161284 Translating Transceiver with Power-Up Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVXZ161284MEA 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74LVXZ161284MEA Datasheet HTML 1Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 2Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 3Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 4Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 5Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 6Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 7Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 8Page - Fairchild Semiconductor 74LVXZ161284MEA Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 3)
Recommended Operating
Conditions
Note 3: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Fairchild does not recom-
mend operation outside the databook specifications.
Note 4: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Supply Voltage
VCC
−0.5V to +4.6V
VCC—Cable
−0.5V to +7.0V
VCC—Cable Must Be ≥ VCC
Input Voltage (VI)—(Note 4)
A1–A13, PLHIN, DIR, HD
−0.5V to VCC + 0.5V
B1–B8, C14–C17, HLHIN
−0.5V to +5.5V (DC)
B1–B8, C14–C17, HLHIN
−2.0V to +7.0V*
*40 ns Transient
Output Voltage (VO)
A1–A8, A14–A17, HLH
−0.5V to VCC +0.5V
B1–B8, Y9–Y13, PLH
−0.5V to +5.5V (DC)
B1–B8, Y9–Y13, PLH
−2.0V to +7.0V*
*40 ns Transient
DC Output Current (IO)
A1–A8, HLH
±25 mA
B1–B8, Y9–Y13
±50 mA
PLH (Output LOW)
84 mA
PLH (Output HIGH)
−50 mA
Input Diode Current (IIK)—(Note 4)
DIR, HD, A9–A13, PLH, HLH, C14–C17
−20 mA
Output Diode Current (IOK)
A1–A8, A14–A17, HLH
±50 mA
B1–B8, Y9–Y13, PLH
−50 mA
DC Continuous VCC or Ground
Current
±200 mA
Storage Temperature
−65°C to +150°C
ESD
Human Body Model
4000V
Machine Model
200V
Charged Device Model
2000V
Supply Voltage
VCC
3.0V to 3.6V
VCC—Cable
3.0V to 5.5V
DC Input Voltage (VI)
0V to VCC
Open Drain Voltage (VO)0V to 5.5V
Operating Temperature (TA)
−40°C to +85°C
Symbol
Parameter
VCC
(V)
VCC—Cable
(V)
TA = 0°CTA = −40°C
Units
Conditions
to
+70°Cto +85°C
Guaranteed Limits
VIK
Input Clamp
3.0
3.0
−1.2
−1.2
V
Ii = −18 mA
Diode Voltage
VIH
Minimum
An, Bn, PLHIN, DIR, HD
3.0–3.6
3.0–5.5
2.0
2.0
V
HIGH Level
Cn
3.0–3.6
3.0–5.5
2.3
2.3
Input Voltage
HLHIN
3.0–3.6
3.0–5.5
2.6
2.6
VIL
Maximum
An, Bn, PLHIN, DIR, HD
3.0–3.6
3.0–5.5
0.8
0.8
V
LOW Level
Cn
3.0–3.6
3.0–5.5
0.8
0.8
Input Voltage
HLHIN
3.0–3.6
3.0–5.5
1.6
1.6
∆VT
Minimum Input
An, Bn, PLHIN, DIR, HD
3.3
5.0
0.4
0.4
V
VT+ – VT−
Hysteresis
Cn
3.3
5.0
0.8
0.8
VT+ – VT−
HLHIN
3.3
5.0
0.2
0.2
VT+ – VT−
VOH
Minimum HIGH
An, HLH
3.0
3.0
2.8
2.8
V
IOH = −50 µA
Level Output
3.0
3.0
2.4
2.4
IOH = −4 mA
Voltage
Bn, Yn
3.0
3.0
2.0
2.0
IOH = −14 mA
Bn, Yn
3.0
4.5
2.23
2.23
IOH = −14 mA
PLH
3.15
3.15
3.1
3.1
IOH = −500 µA


유사한 부품 번호 - 74LVXZ161284MEA

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVX00 FAIRCHILD-74LVX00 Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input NAND Gate
logo
STMicroelectronics
74LVX00 STMICROELECTRONICS-74LVX00 Datasheet
233Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LVX00 ONSEMI-74LVX00 Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input NAND Gate
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX00M FAIRCHILD-74LVX00M Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input NAND Gate
logo
ON Semiconductor
74LVX00M ONSEMI-74LVX00M Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input NAND Gate
February 2008 Rev. 1.4.0
More results

유사한 설명 - 74LVXZ161284MEA

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74LVX161284 ONSEMI-74LVX161284 Datasheet
222Kb / 13P
   Low Voltage IEEE 161284 Translating Transceiver
Revised June 2005
logo
Fairchild Semiconductor
74LVX161284A FAIRCHILD-74LVX161284A Datasheet
94Kb / 9P
   Low Voltage IEEE 161284 Translating Transceiver
74LVX161284 FAIRCHILD-74LVX161284 Datasheet
114Kb / 11P
   Low Voltage IEEE 161284 Translating Transceiver
logo
STMicroelectronics
74LVCZ161284A STMICROELECTRONICS-74LVCZ161284A Datasheet
437Kb / 12P
   LOW VOLTAGE HIGH SPEED IEEE 1284 TRANSCEIVER WITH ERROR-FREE POWER-UP
July 2005
logo
ON Semiconductor
74VCX164245 ONSEMI-74VCX164245 Datasheet
209Kb / 11P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
Revised June 2005
74VCX163245 ONSEMI-74VCX163245 Datasheet
316Kb / 14P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
May 2007 Rev. 1.7
logo
Texas Instruments
SN74LVCZ161284A TI-SN74LVCZ161284A Datasheet
159Kb / 10P
[Old version datasheet]   19-BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284 TI-SN74LVCE161284 Datasheet
238Kb / 14P
[Old version datasheet]   19 BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR FREE POWER UP
logo
NXP Semiconductors
74AUP1T45 NXP-74AUP1T45 Datasheet
177Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 02-3 August 2009
74AUP1T45 PHILIPS-74AUP1T45 Datasheet
166Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com