전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS75232 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 GS75232
상세설명  Multiple RS-232 Drivers & Receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

GS75232 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  GS75232 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS75232 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS75232 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS75232 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS75232 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS75232 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS75232 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS75232 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS75232 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
GS75232
Globaltech Semiconductor
www.globaltechsemi.com
2
GS75232
Representative Schematic Diagram
DA
DY
VCC+
VCC
-
8K2
3K6
10K
7K
70
70
6K2
300
DA
DY
2K
5K
9K
2K
10K
4K
VCC
Driver
Receiver
Ordering Information
Device
Package
GS75232S
SOIC-20
GS75232SS
SSOP-20
GS75232TS
TSSOP-20
“F” means Lead Free part.
*Request for other voltages, please contact factory directly.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC+
Supply Voltage
15
V
VCC-
Supply Voltage
-15
V
VCC
Supply Voltage
10
V
VI (Driver)
Input Voltage
-15 to +7
V
VI (Reciver)
Input Voltage
± 30
V
VO (Driver)
Output Voltage
-15 to +15
V
PT
Continuous Power Dissipation (Below 25 oC)
1.0
W
TSTG
Storage Temperature
-65 to +175
oC
Top
Operating Temperature
0 to +75
oC


유사한 부품 번호 - GS75232

제조업체부품명데이터시트상세설명
logo
ice Components, Ins.
GS75 ICE-GS75 Datasheet
136Kb / 3P
   Surface Mount Power Inductors
GS75 ICE-GS75 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
GS75-100 ICE-GS75-100 Datasheet
136Kb / 3P
   Surface Mount Power Inductors
GS75-100 ICE-GS75-100 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
GS75-101 ICE-GS75-101 Datasheet
136Kb / 3P
   Surface Mount Power Inductors
More results

유사한 설명 - GS75232

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
   Multiple RS-232 drivers and receivers
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185 Datasheet
172Kb / 10P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
List of Unclassifed Man...
M5232P ETC1-M5232P Datasheet
24Kb / 2P
   Multiple RS-232 Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com