전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPCS8303 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TPCS8303
상세설명  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8303 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TPCS8303 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8303 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8303 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8303 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8303 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8303 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8303 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPCS8303
2004-07-06
3
Electrical Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±10 V, VDS = 0 V
±10
µA
Drain cut-OFF current
IDSS
VDS = −20 V, VGS = 0 V
−10
µA
V (BR) DSS
ID = −10 mA, VGS = 0 V
−20
Drain-source breakdown voltage
V (BR) DSX
ID = −10 mA, VGS = 12 V
−8
V
Gate threshold voltage
Vth
VDS = −10 V, ID = −200 µA
−0.45
−1.2
V
VGS = −2.0 V, ID = −2.5 A
31
80
VGS = −2.5 V, ID = −2.5 A
22
30
Drain-source ON resistance
RDS (ON)
VGS = −4.5 V, ID = −2.5 A
15
21
m
Forward transfer admittance
|Yfs|
VDS = −10 V, ID = −2.5 A
9
18
S
Input capacitance
Ciss
2560
Reverse transfer capacitance
Crss
330
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
380
pF
Rise time
tr
5
Turn-ON time
ton
14
Fall time
tf
42
Switching time
Turn-OFF time
toff
Duty <= 1%, tw = 10 µs
142
ns
Total gate charge
(gate-source plus gate-drain)
Qg
33
Gate-source charge 1
Qgs
10
Gate-drain (“miller”) charge
Qgd
VDD ∼− −16 V,VGS = −5 V, ID = −5 A
5.4
nC
Source-Drain Ratings and Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse (Note 1)
IDRP
−20
A
Forward voltage (diode)
VDSF
IDR = −5 A, VGS = 0 V
1.2
V
VDD ∼− −10 V
−5 V
VGS
0 V
ID = −2.5 A
VOUT


유사한 부품 번호 - TPCS8303

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCS8303 TOSHIBA-TPCS8303 Datasheet
213Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Machines and Tools
TPCS8303 TOSHIBA-TPCS8303 Datasheet
226Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Machines and Tools
TPCS8303 TOSHIBA-TPCS8303_07 Datasheet
213Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Machines and Tools
TPCS8303 TOSHIBA-TPCS8303_09 Datasheet
226Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Machines and Tools
More results

유사한 설명 - TPCS8303

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPC6104 TOSHIBA-TPC6104 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCA8102 TOSHIBA-TPCA8102 Datasheet
182Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPC8107 TOSHIBA-TPC8107 Datasheet
219Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
2SJ681 TOSHIBA-2SJ681 Datasheet
253Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U−MOSIII)
2SJ681 TOSHIBA-2SJ681_09 Datasheet
160Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U−MOSIII)
TPCS8208 TOSHIBA-TPCS8208 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6003 TOSHIBA-TPC6003 Datasheet
159Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8209 TOSHIBA-TPCS8209 Datasheet
362Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8204 TOSHIBA-TPCS8204 Datasheet
304Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6005 TOSHIBA-TPC6005 Datasheet
188Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com