전자부품 데이터시트 검색엔진 |
|
SI2414 데이터시트(PDF) 4 Page - Silicon Laboratories |
|
SI2414 데이터시트(HTML) 4 Page - Silicon Laboratories |
4 / 86 page Si2456/Si2433/Si2414 4 Rev. 0.9 Electrical Specifications Table 1. Recommended Operating Conditions Parameter1 Symbol Test Condition Min2 Typ Max2 Unit Ambient Temperature TA K-Grade 0 25 70 °C Si2456/33/14 Supply Voltage, Digital3 VD 3.0 3.3 3.6 V Notes: 1. The Si2456/33/14 specifications are guaranteed when the typical application circuit (including component tolerance) and any Si2456/33/14 and any Si3015 are used. See page 11 for typical application circuit. 2. All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions. Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise stated. 3. The digital supply, VD, operates from 3.0 to 3.6 V. The Si2456/33/14 interface supports 5 V logic (CLKIN/XTALI supports 3.3 V logic only). |
유사한 부품 번호 - SI2414 |
|
유사한 설명 - SI2414 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |