전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7407DN 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI7407DN
상세설명  P-Channel 12-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7407DN 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI7407DN Datasheet HTML 1Page - Vishay Siliconix SI7407DN Datasheet HTML 2Page - Vishay Siliconix SI7407DN Datasheet HTML 3Page - Vishay Siliconix SI7407DN Datasheet HTML 4Page - Vishay Siliconix SI7407DN Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFETS: 1.8-V Rated
D New Low Thermal Resistance PowerPAKt
Package with Low 1.07-mm Profile
D Ultra-Low rDS(on)
APPLICATIONS
D Load Switch
D PA Switch
D Battery Switch
Si7407DN
Vishay Siliconix
New Product
Document Number: 71912
S-22122—Rev. B, 25-Nov-02
www.vishay.com
1
P-Channel 12-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
0.012 @ VGS = -4.5 V
-15.6
-12
0.016 @ VGS = -2.5 V
- 13.5
0.024 @ VGS = -1.8 V
-11
P-Channel MOSFET
D
G
S
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
3.30 mm
3.30 mm
PowerPAK
t 1212-8
Bottom View
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
-12
Gate-Source Voltage
VGS
"8
V
_ a
TA = 25_C
- 15.6
-9.9
Continuous Drain Current (TJ = 150_C)a
TA = 85_C
ID
- 11.2
-7.2
Pulsed Drain Current
IDM
-30
A
continuous Source Current (Diode Conduction)a
IS
-3.2
-1.3
TA = 25_C
3.8
1.5
Maximum Power Dissipationa
TA = 85_C
PD
2.0
0.8
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
t
v 10 sec
26
33
Maximum Junction-to-Ambienta
Steady State
RthJA
65
81
_C/W
Maximum Junction-to-Case
Steady State
RthJC
1.9
2.4
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


유사한 부품 번호 - SI7407DN

제조업체부품명데이터시트상세설명
logo
Analog Devices
SI7401DN AD-SI7401DN Datasheet
416Kb / 24P
   Thermoelectric Cooler Controller
REV. C
logo
Vishay Siliconix
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
logo
Analog Devices
Si7401DN AD-Si7401DN Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
logo
Vishay Siliconix
SI7401DN-RC VISHAY-SI7401DN-RC Datasheet
239Kb / 3P
   R-C Thermal Model Parameters
Revision 03-Mar-06
SI7402DN VISHAY-SI7402DN Datasheet
75Kb / 5P
   N-Channel 12-V (D-S) MOSFET
Rev. A, 08-Dec-03
More results

유사한 설명 - SI7407DN

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com