전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7940DP 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI7940DP
상세설명  Dual N-Channel 12-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7940DP 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI7940DP Datasheet HTML 1Page - Vishay Siliconix SI7940DP Datasheet HTML 2Page - Vishay Siliconix SI7940DP Datasheet HTML 3Page - Vishay Siliconix SI7940DP Datasheet HTML 4Page - Vishay Siliconix SI7940DP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si7940DP
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71845
S-21167—Rev. B, 29-Jul-02
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.6
1.5
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
VDS = 9.6 V, VGS = 0 V
1
m
Zero Gate Voltage Drain Current
IDSS
VDS = 9.6 V, VGS = 0 V, TJ = 55_C
5
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 4.5 V
20
A
a
VGS = 4.5 V, ID = 11.8 A
0.014
0.017
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 2.5 V, ID = 9.8 A
0.020
0.025
W
Forward Transconductancea
gfs
VDS = 5 V, ID = 11.8 A
32
S
Diode Forward Voltagea
VSD
IS = 2.9 A, VGS = 0 V
0.77
1.2
V
Dynamicb
Total Gate Charge
Qg
11.5
17
Gate-Source Charge
Qgs
VDS = 6 V, VGS = 4.5 V, ID = 11.8 A
3.2
nC
Gate-Drain Charge
Qgd
2.5
Turn-On Delay Time
td(on)
30
45
Rise Time
tr
VDD = 6 V, RL = 6 W
50
75
Turn-Off Delay Time
td(off)
VDD = 6 V, RL = 6 W
ID ^ 1 A, VGEN = 4.5 V, RG = 6 W
60
90
ns
Fall Time
tf
25
40
Source-Drain Reverse Recovery Time
trr
IF = 2.9 A, di/dt = 100 A/ms
40
80
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VGS = 5 thru 2.5 V
TC = 125_C
-55
_C
2 V
25
_C
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
1.5 V


유사한 부품 번호 - SI7940DP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7940DP VISHAY-SI7940DP Datasheet
304Kb / 12P
   Dual N-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI7940DP VISHAY-SI7940DP_V01 Datasheet
304Kb / 12P
   Dual N-Channel 12-V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI7940DP

제조업체부품명데이터시트상세설명
logo
Analog Power
AM6900NHE ANALOGPOWER-AM6900NHE Datasheet
401Kb / 5P
   Dual N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI7234DP VISHAY-SI7234DP Datasheet
512Kb / 13P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. A, 02-Jun-08
logo
Vishay Telefunken
SI7234DP TFUNK-SI7234DP Datasheet
343Kb / 13P
   Dual N-Channel 12-V (D-S) MOSFET
SIA910EDJ TFUNK-SIA910EDJ Datasheet
276Kb / 9P
   Dual N-Channel 12 V (D-S) MOSFET
logo
Vishay Siliconix
SIA912DJ VISHAY-SIA912DJ_V01 Datasheet
113Kb / 7P
   Dual N-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
DinTek Semiconductor Co...
DTSP1204 DINTEK-DTSP1204 Datasheet
712Kb / 8P
   Dual N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SIA912DJ VISHAY-SIA912DJ Datasheet
114Kb / 7P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. B, 03-Mar-08
SI7940DP VISHAY-SI7940DP_V01 Datasheet
304Kb / 12P
   Dual N-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIA910EDJ VISHAY-SIA910EDJ_V01 Datasheet
279Kb / 9P
   Dual N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SIA910EDJ VISHAY-SIA910EDJ Datasheet
137Kb / 7P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. A, 02-Nov-09
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com