전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4151W 데이터시트(PDF) 2 Page - Pan Jit International Inc.

부품명 1N4151W
상세설명  SURFACE MOUNT SWITCHING DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N4151W 데이터시트(HTML) 2 Page - Pan Jit International Inc.

  1N4151W Datasheet HTML 1Page - Pan Jit International Inc. 1N4151W Datasheet HTML 2Page - Pan Jit International Inc. 1N4151W Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part Number: 1N4150W, 1N4151W
PAGE 2
RATING and CHARACTERISTIC CURVES
RECTIFICATION EFFCIENCY MEASUREMENT CIRCUIT
TYPICAL CAPATICANCE
LEAKAGE CURRENT
FORWARD VOLTAGE
100
0.2
0.4
0.6
0.8
1.0
1.2
10
1.0
0.1
10
0
1.0
0.1
0.01
0.001
10
20
30
40
50
6.0
0
4.5
3.5
1.5
0
24
6
8
FORWARD VOLTAGE, Volts
REVERSE VOLTAGE, Volts
T =150 C
A
O
T =125 C
A
O
T =85 C
A
O
T =55 C
A
O
T =25 C
A
O
REVERSE VOLTAGE, Volts
5k W
Vo
2nF
V =2V
RF
60 W


유사한 부품 번호 - 1N4151W

제조업체부품명데이터시트상세설명
logo
General Semiconductor
1N4151W GE-1N4151W Datasheet
202Kb / 4P
   SMALL SIGNAL DIODES
logo
Won-Top Electronics
1N4151W WTE-1N4151W Datasheet
40Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Pan Jit International I...
1N4151W PANJIT-1N4151W Datasheet
46Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Guangdong Kexin Industr...
1N4151W KEXIN-1N4151W Datasheet
37Kb / 2P
   SMALL SIGNAL DIODES
logo
SEMTECH ELECTRONICS LTD...
1N4151W SEMTECH_ELEC-1N4151W Datasheet
323Kb / 4P
   Silicon Epitaxial Planar Small Signal Diode
More results

유사한 설명 - 1N4151W

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com