전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQPF6N45 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FQPF6N45
상세설명  450V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF6N45 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FQPF6N45 Datasheet HTML 1Page - Fairchild Semiconductor FQPF6N45 Datasheet HTML 2Page - Fairchild Semiconductor FQPF6N45 Datasheet HTML 3Page - Fairchild Semiconductor FQPF6N45 Datasheet HTML 4Page - Fairchild Semiconductor FQPF6N45 Datasheet HTML 5Page - Fairchild Semiconductor FQPF6N45 Datasheet HTML 6Page - Fairchild Semiconductor FQPF6N45 Datasheet HTML 7Page - Fairchild Semiconductor FQPF6N45 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
QFET
QFET
QFET
QFETTM
©2000 Fairchild Semiconductor International
January 2001
Rev. A1, January 2001
FQPF6N45
450V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switch mode power supply,
electronic lamp ballast based on half bridge.
Features
• 4.0A, 450V, RDS(on) = 1.1Ω @VGS = 10 V
• Low gate charge ( typical 16 nC)
• Low Crss ( typical 11 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQPF6N45
Units
VDSS
Drain-Source Voltage
450
V
ID
Drain Current
- Continuous (TC = 25°C)
4.0
A
- Continuous (TC = 100°C)
2.5
A
IDM
Drain Current
- Pulsed
(Note 1)
16
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
350
mJ
IAR
Avalanche Current
(Note 1)
4.0
A
EAR
Repetitive Avalanche Energy
(Note 1)
4.2
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TC = 25°C)
42
W
- Derate above 25°C
0.34
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
2.98
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
62.5
°C/W
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
S
D
G
TO-220F
FQPF Series
G
S
D


유사한 부품 번호 - FQPF6N45

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQPF6N40C FAIRCHILD-FQPF6N40C Datasheet
851Kb / 10P
   400V N-Channel MOSFET
FQPF6N40CF FAIRCHILD-FQPF6N40CF Datasheet
1Mb / 10P
   400V N-Channel MOSFET
FQPF6N40CF FAIRCHILD-FQPF6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
More results

유사한 설명 - FQPF6N45

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQP6N45 FAIRCHILD-FQP6N45 Datasheet
571Kb / 8P
   450V N-Channel MOSFET
SSM1N45B FAIRCHILD-SSM1N45B Datasheet
639Kb / 8P
   450V N-Channel MOSFET
SSN1N45B FAIRCHILD-SSN1N45B Datasheet
667Kb / 8P
   450V N-Channel MOSFET
FQB6N45 FAIRCHILD-FQB6N45 Datasheet
582Kb / 9P
   450V N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM1N45D TSC-TSM1N45D Datasheet
386Kb / 6P
   450V N-Channel Power MOSFET
TSM1N45 TSC-TSM1N45_10 Datasheet
475Kb / 9P
   450V N-Channel Power MOSFET
TSM1N45D TSC-TSM1N45D_12 Datasheet
459Kb / 8P
   450V N-Channel Power MOSFET
TSM1N45 TSC-TSM1N45 Datasheet
583Kb / 8P
   450V N-Channel Power MOSFET
logo
Zetex Semiconductors
ZXMN0545G4 ZETEX-ZXMN0545G4 Datasheet
212Kb / 6P
   450V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN0545G4 DIODES-ZXMN0545G4_15 Datasheet
517Kb / 6P
   450V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com