전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM156 데이터시트(PDF) 1 Page - Pan Jit International Inc.

부품명 AM156
상세설명  1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

AM156 데이터시트(HTML) 1 Page - Pan Jit International Inc.

  AM156 Datasheet HTML 1Page - Pan Jit International Inc. AM156 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
DATE : SEP.26.2002
FEATURES
• Ratings to 1000V PRV
• Surge overload rating: 50 Amperes peak
• Ideal for printed circuit board
• Reliable low cost construction utilizing molded plastic
technique
• Mounting position:Any
AM150~AM1510
1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES
VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes
MECHANICALDATA
Case:Reliable low cost construction utilizing molded
plastic technique results in inexpensive product.
Terminals: Leads solderable per MIL-STD-202,
Method 208
Polarity :Polarity symbols marking on body.
Weight: 0.05 ounce, 1.3 grams
Available with 0.50 inch leads(P/N add suffix ”S”)
3.DATASHEET
Recongnized File # E111753
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge input Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Current TA=50°C
Peak Forward Surge Current, 8.3ms singlehalf sine-wave
superimposed on rated load
I2t Rating for fusing ( t < 8.35 ms)
Maximum Forward Voltage Drop per Bridge Element at 1.0A
Maximum Reverse Current at Rated TJ= 25°C
DC Blocking Voltage per element TJ=125°C
Typical Junction capacitance per leg (Note 1) CJ
Typical Thermal resistance per leg (Note 2) R
θJA
Typical Thermal resistance per leg (Note 2) R
θJA
Operating Temperature Range TJ
Storage Temperature Range TA
UNITS
V
V
V
1.5
50.0
10.0
1.0
10.0
1.0
24.0
36.0
13.0
-55 to +125
V
A
A
A2 t
µA
mA
pF
°C/W
°C
°C
NOTES:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.47 X 0.47"(12 X 12mm) copper pads.
AM
Unit: inch ( mm )
.220(5.6)
.181(4.6)
.031(0.8)
.028(0.7)
.370(9.4)
.358(9.1)
Bottom View
-55 to +150
AM150
50
35
50
AM151
100
70
100
AM152
200
140
200
AM154
400
280
400
AM156
600
420
600
AM158
800
560
800
AM1510
1000
700
1000


유사한 부품 번호 - AM156

제조업체부품명데이터시트상세설명
logo
Transys Electronics
AM156 TRSYS-AM156 Datasheet
116Kb / 2P
   1.0 TO 1.5 AMPERE SILICON MINIATURE SINGLE-PHASE BRIDGE
logo
Comchip Technology
AM156 COMCHIP-AM156 Datasheet
46Kb / 2P
   Silicon Miniature Single-Phase Bridge
logo
Pan Jit International I...
AM156 PANJIT-AM156 Datasheet
53Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES
logo
Comchip Technology
AM156-G COMCHIP-AM156-G Datasheet
54Kb / 2P
   Silicon Miniature Single-Phase Bridge
More results

유사한 설명 - AM156

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
W005G PANJIT-W005G Datasheet
49Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
W005G PANJIT-W005G_06 Datasheet
50Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes
AM100 PANJIT-AM100 Datasheet
42Kb / 2P
   1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Amperes)
AM150 PANJIT-AM150_03 Datasheet
53Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES
1A1 PANJIT-1A1 Datasheet
52Kb / 2P
   MINIATURE PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
DAESAN ELECTRONIC CORP.
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER151G DAESAN-HER151G Datasheet
284Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
RL151G DAESAN-RL151G Datasheet
316Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com