전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STU302S 데이터시트(PDF) 6 Page - SamHop Microelectronics Corp.

부품명 STU302S
상세설명  N-Channel Logic Level E nhancement Mode Field Effect Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU302S 데이터시트(HTML) 6 Page - SamHop Microelectronics Corp.

  STU302S Datasheet HTML 1Page - SamHop Microelectronics Corp. STU302S Datasheet HTML 2Page - SamHop Microelectronics Corp. STU302S Datasheet HTML 3Page - SamHop Microelectronics Corp. STU302S Datasheet HTML 4Page - SamHop Microelectronics Corp. STU302S Datasheet HTML 5Page - SamHop Microelectronics Corp. STU302S Datasheet HTML 6Page - SamHop Microelectronics Corp. STU302S Datasheet HTML 7Page - SamHop Microelectronics Corp. STU302S Datasheet HTML 8Page - SamHop Microelectronics Corp. STU302S Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
F igure 13. S witching T es t C ircuit
F igure 14. S witching W aveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULS E WIDTH
6
INVE R TE D
V DD
R
D
V
V
R
S
V
G
GS
IN
GE N
OUT
L
6
Square W ave P uls e Duration (s ec)
F igure 15. Normalized T hermal T rans ient Impedance C urve
2
1
0.1
0.01
10
-5
10
-4
10
-3
10
-2
10
-1
110
D=0.5
0.2
0.1
0.05
0.02
0.01
P DM
t1
t2
1. R JA (t)=r (t) * R JA
2. R JA=S ee Datas heet
3. T JM-T A =P DM*R JA (t)
4. Duty C ycle, D=t1/t2
S ING LE P ULS E
S T U/D302S


유사한 부품 번호 - STU302S

제조업체부품명데이터시트상세설명
logo
SamHop Microelectronics...
STU3030NL SAMHOP-STU3030NL Datasheet
826Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3030NLS SAMHOP-STU3030NLS Datasheet
825Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
logo
SHENZHEN DOINGTER SEMIC...
STU3030NLS DOINGTER-STU3030NLS Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STU303S VBSEMI-STU303S Datasheet
913Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
SamHop Microelectronics...
STU3055L SAMHOP-STU3055L Datasheet
765Kb / 8P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
More results

유사한 설명 - STU302S

제조업체부품명데이터시트상세설명
logo
SamHop Microelectronics...
STU3030NLS SAMHOP-STU3030NLS Datasheet
825Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3525NL SAMHOP-STU3525NL Datasheet
888Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
SDP75N03L SAMHOP-SDP75N03L Datasheet
494Kb / 6P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
SDP85N03L SAMHOP-SDP85N03L Datasheet
533Kb / 6P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU6025NLS SAMHOP-STU6025NLS Datasheet
790Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU4530NLS SAMHOP-STU4530NLS Datasheet
944Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU5025NLS SAMHOP-STU5025NLS Datasheet
791Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU6025NL SAMHOP-STU6025NL Datasheet
874Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3030NL SAMHOP-STU3030NL Datasheet
826Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3525NLS SAMHOP-STU3525NLS Datasheet
850Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STP3055L2 SAMHOP-STP3055L2 Datasheet
676Kb / 7P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com