전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD1030PL 데이터시트(PDF) 2 Page - SamHop Microelectronics Corp.

부품명 STD1030PL
상세설명  P-Channel E nhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD1030PL 데이터시트(HTML) 2 Page - SamHop Microelectronics Corp.

  STD1030PL Datasheet HTML 1Page - SamHop Microelectronics Corp. STD1030PL Datasheet HTML 2Page - SamHop Microelectronics Corp. STD1030PL Datasheet HTML 3Page - SamHop Microelectronics Corp. STD1030PL Datasheet HTML 4Page - SamHop Microelectronics Corp. STD1030PL Datasheet HTML 5Page - SamHop Microelectronics Corp. STD1030PL Datasheet HTML 6Page - SamHop Microelectronics Corp. STD1030PL Datasheet HTML 7Page - SamHop Microelectronics Corp. STD1030PL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
E LE CTR ICAL CHAR ACTE R IS TICS (TA 25 C unless otherwise noted)
=
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHAR ACTER ISTICS
Drain-Source Breakdown Voltage
BVDSS
=
VGS 0V, ID -250uA
=
-30
V
Zero Gate Voltage Drain Current
IDSS
VDS -24V, VGS 0V
=
=
-1
uA
Gate-Body Leakage
IGSS
VGS 20V, VDS 0V
=
=
100
nA
ON CHAR ACTER ISTICS b
Gate Threshold Voltage
VGS(th)
VDS VGS, ID = -250uA
=
-1
-1.8 -2.5
V
Drain-Source On-State R esistance
R DS(ON)
VGS -10V, ID -5.3A
VGS -4.5V, ID -4.2A
On-State Drain Current
ID(ON)
VDS = -5V, VGS = -10V
-15
A
S
Forward Transconductance
FS
g
VDS -15V, ID - 5.3A
DYNAMIC CHAR ACTER ISTICS
c
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =-15V, VGS = 0V
f =1.0MHZ
P
F
P
F
P
F
SWITCHING CHAR ACTER ISTICS
c
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VD = -15V
ID = -1A
VGEN = - 10V
R GEN = 6 ohm
R L = 15 ohm
ns
ns
ns
ns
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =-15V, ID = -5.3A
VGS =-10V
nC
nC
nC
C
Fall Time
=
=
=
=
=
=
5
2
m-ohm
m-ohm
55
85
nC
VDS =-15V,ID =-5.3A,VGS =-10V
VDS =-15V,ID =-5.3A,VGS =-4.5V
S T U/D1030P L
45
70
7
612
129
96
12.6
45.4
37
13
6.8
2.7
2.6
17.4


유사한 부품 번호 - STD1030PL

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
STD10 COOPER-STD10 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Sirectifier Semiconduct...
STD100 SIRECTIFIER-STD100 Datasheet
921Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
STD100 SIRECT-STD100 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Visual Communications C...
STD1000BLK VCC-STD1000BLK Datasheet
67Kb / 1P
   STD
STD100BLK VCC-STD100BLK Datasheet
67Kb / 1P
   STD
More results

유사한 설명 - STD1030PL

제조업체부품명데이터시트상세설명
logo
SamHop Microelectronics...
STM4439 SAMHOP-STM4439 Datasheet
883Kb / 7P
   P -Channel E nhancement Mode MOSFET
STU2040PL SAMHOP-STU2040PL Datasheet
861Kb / 8P
   P-Channel E nhancement Mode MOSFET
SDM9433 SAMHOP-SDM9433 Datasheet
306Kb / 5P
   P -Channel E nhancement Mode MOSFET
STM6375 SAMHOP-STM6375 Datasheet
650Kb / 7P
   P-Channel E nhancement Mode MOSFET
STU1530PL SAMHOP-STU1530PL Datasheet
851Kb / 8P
   P-Channel E nhancement Mode MOSFET
STS3401 SAMHOP-STS3401 Datasheet
680Kb / 7P
   P-Channel E nhancement Mode MOSFET
STM4433 SAMHOP-STM4433 Datasheet
658Kb / 7P
   P-Channel E nhancement Mode MOSFET
SDM4435 SAMHOP-SDM4435 Datasheet
550Kb / 7P
   P-Channel E nhancement Mode MOSFET
STS3403 SAMHOP-STS3403 Datasheet
700Kb / 7P
   P-Channel E nhancement Mode MOSFET
SDM9435A SAMHOP-SDM9435A Datasheet
359Kb / 5P
   P -Channel E nhancement Mode MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com