전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD54NP-330LC 데이터시트(PDF) 4 Page - Sumida Corporation

부품명 CD54NP-330LC
상세설명  CD54
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD54NP-330LC 데이터시트(HTML) 4 Page - Sumida Corporation

  CD54NP-330LC Datasheet HTML 1Page - Sumida Corporation CD54NP-330LC Datasheet HTML 2Page - Sumida Corporation CD54NP-330LC Datasheet HTML 3Page - Sumida Corporation CD54NP-330LC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPECIFICATION
TYPE
CD54
2-2.ELECTRICAL CHARACTERISTICS
NO.
PART NO.
STAMP
INDUCTANCE
[WITHIN]
※1
D.C.R.
(Ω)
[MAX.]
(at 20℃)
RATED
CURRENT
(A)
※2
S.R.F.
(MHz)
[TYP.]
SUMIDA
CODE
01
CD54NP-1
ØØMC
-0226
02
CD54NP-1
ØØMB
100
10μH±20%
0.10
1.44
30.6
-0227
03
CD54NP-12
ØMC
-0228
04
CD54NP-12
ØMB
120
12μH±20%
0.12
1.40
27.7
-0231
05
CD54NP-15
ØMC
-0232
06
CD54NP-15
ØMB
150
15μH±20%
0.14
1.30
25.9
-0233
07
CD54NP-18
ØMC
-0234
08
CD54NP-18
ØMB
180
18μH±20%
0.15
1.23
23.3
-0235
09
CD54NP-22
ØMC
-0236
10
CD54NP-22
ØMB
220
22μH±20%
0.18
1.11
19.5
-0237
11
CD54NP-27
ØMC
-0238
12
CD54NP-27
ØMB
270
27μH±20%
0.20
0.97
17.5
-0239
13
CD54NP-33
ØLC
-0240
14
CD54NP-33
ØLB
330
33μH±15%
0.23
0.88
16.3
-0242
15
CD54NP-39
ØLC
-0243
16
CD54NP-39
ØLB
390
39μH±15%
0.32
0.80
15.8
-0244
17
CD54NP-47
ØLC
-0245
18
CD54NP-47
ØLB
470
47μH±15%
0.37
0.72
13.6
-0246
19
CD54NP-56
ØKC
-0247
20
CD54NP-56
ØKB
560
56μH±10%
0.42
0.68
12.1
-0248
21
CD54NP-68
ØKC
-0249
22
CD54NP-68
ØKB
680
68μH±10%
0.46
0.61
11.7
-0250
23
CD54NP-82
ØKC
-0251
24
CD54NP-82
ØKB
820
82μH±10%
0.60
0.58
10.2
-0253
25
CD54NP-1
Ø1KC
-0254
26
CD54NP-1
Ø1KB
101
100μH±10%
0.70
0.52
9.24
-0255
27
CD54NP-121KC
-0256
28
CD54NP-121KB
121
120μH±10%
0.93
0.48
8.61
-0257
29
CD54NP-151KC
-0258
30
CD54NP-151KB
151
150μH±10%
1.10
0.40
8.28
-0259
31
CD54NP-181KC
-0260
32
CD54NP-181KB
181
180μH±10%
1.38
0.38
6.42
-0261
33
CD54NP-221KC
-0262
34
CD54NP-221KB
221
220μH±10%
1.57
0.35
5.73
-0264
* PART NO. DESCRIPTION
(1) IN CASE OF REEL PACKING: CD54NP-XXXXC
(2) IN CASE OF BOX PACKING: CD54NP-XXXXB
※1 MEASURING FREQUENCY INDUCTANCE :
10μH ~ 82μH
at
2.52 MHz
100μH ~ 220μH
at
1
kHz
※2 THE RATED CURRENT INDICATES THE LOWER VALUE OF CURRENT WHEN THE INDUCTANCE IS 10% LOWER
THAN ITS INITIAL VALUE AT D.C. SUPERPOSITION OR THE TEMPERATURE OF COIL RISES 40℃ WITH
D.C. CURRENT PASSING.(Ta=20℃)
3.STORAGE TEMPERATURE RANGE
: −40℃ ∼ +100℃
OPERATING TEMPERATURE RANGE: −40℃ ∼ +100℃ (INCLUDING COIL'S SELF TEMPERATURE RISE)


유사한 부품 번호 - CD54NP-330LC

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CD54NP-330LC SUMIDA-CD54NP-330LC Datasheet
376Kb / 4P
   SMD Power Inductor
More results

유사한 설명 - CD54NP-330LC

제조업체부품명데이터시트상세설명
logo
AIT Components Ltd.
CD54 AITCOMPONENTS-CD54 Datasheet
36Kb / 1P
   CD54 SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com