전자부품 데이터시트 검색엔진 |
|
CDEP104-3R2B-88 데이터시트(PDF) 1 Page - Sumida Corporation |
|
CDEP104-3R2B-88 데이터시트(HTML) 1 Page - Sumida Corporation |
|
1 / 1 page POWER INDUCTORS (SMD Type) CDEP104 OUTLINE / CDEP104 DIMENSIONS (mm) / インダクタンス公差 / インダクタンス測定周波数 (L) / 品名表記法 Parts No. L (H) CDEP104 (Low D.C.R Type) CDEP104 (Standard Type) 0R2 0R3 0R4 0R8 1R3 1R4 1R8 2R2 2R5 3R2 4R3 0.22µ 0.36µ 0.45µ 0.8µ 1.3µ 1.4µ 1.8µ 2.2µ 2.5µ 3.2µ 4.3µ 24.2 16.2 12.2 9.8 8.1 7.0 20.8 14.0 10.5 8.6 7.0 6.0 18.0 13.4 10.2 7.3 5.4 5.0 2.2m( 1.8m) 3.7m( 3.1m) 5.9m( 4.9m) 11.8m( 9.8m) 18.6m(15.5m) 21.8m(18.2m) D.C.R.(Ω) : Max.(Typ.) Saturation Rated Current (A) *E 20°c 100°c Temperature Rise Current (Typ.)(A) *IV 39.6 27.6 20.7 16.6 13.3 11.8 31.6 22.1 16.6 13.3 10.7 9.5 18.0 13.4 10.2 7.3 5.4 5.0 2.2m( 1.8m) 3.7m( 3.1m) 5.9m( 4.9m) 11.8m( 9.8m) 18.6m(15.5m) 21.8m(18.2m) D.C.R.(Ω) : Max.(Typ.) Saturation Rated Current (A) *E 20°c 100°c Temperature Rise Current (Typ.) (A) *IV 100kHz 100kHz 0.36 µH ± 30% (N), 0.8 µH – 4.3 µH ± 20% (M) 0.22 µH ± 30% (N), 0.45 µH – 2.5 µH ± 20% (M) Measuring Freq. (L) Tolerance of Inductance CDEP104(L) CDEP104(S) CDEP104(L) CDEP104(S) Ordering Code CDEP104 - - : Parts No. : Tolerance of inductance M (20%) N (30%) : Packing C (Carrier tape) B (Box) : 88 (Low D.C.R. type) 50 (Standard type) / 無鉛製品について About Lead-free products . Lead-free products are now available for sale . To order a lead-free product, please add"NP" after the product type: 無鉛製品は現在、販売されております。 ご注文の際は製品タイプ名の後に”NP”をつけてください。 e.g. △△△○× Ordering code of lead-free product: Type name NP△△△○× . . Ordering code of lead product: Type name- / その他 Other *E Saturation Rated Current : The current either the inductance value becomes 35% (tolerance± 30%) lower than its nominal value or becomes 25% (tolerance± 20%) lower than its nominal °C) *E 直流重畳許容電流:直流重畳許容電流を流した時、インダクタンスが公称インダクタンスの 65%以上(インダクタンスの交差が±30%時)、又は75%以上(インダクタンスの交差が±20%時) *IV Temperature Rise Current (Typ.) : The actual current when temperature of coil becomes ∆T=40°C. (Ta=20 *IV 温度上昇実力電流:直流電流を流した時、コイルの温度上昇がΔT=40℃となる電流の実力値 °C) value.(Ta=20 となるとなる(Ta=20℃) とする。(Ta=20℃) 外形寸法図 磁気構造図 http://www.sumida.com Rev1.0 09/2004 North America Tel:(1) 847 545-6700 Fax:(1) 847 545-6720 E-mail: sales@us.sumida.com Japan Tel:(81) 03 3667-3302 Fax:(81) 03 3667-3408 Hong Kong Tel:(852) 2880-6688 Fax:(852) 2565-9600 E-mail: sales@hk.sumida.com Taiwan Tel:(886) 2 2726-2177 Fax:(886) 2 2728-2726 E-mail: sales@tw.sumida.com Singapore Tel:(65) 6296-3388 Fax:(65) 6296-3390 E-mail: sales@sg.sumida.com Europe Tel:(32) 2673-9565 Fax:(32) 2672-0454 E-mail: sales@eu.sumida.com CONSTRUCTION 概要 概要 概要 SHIELDED TYPE / 開磁路タイプ By using the square wire, power inductors can be used for large currents with low profile and low resistance. 平角線を使用する事により、薄形・低抵抗で大電流対応を実現しました。 ( 0.22µH - 4.3µH ) 11.0 2.9 3.8 10.4MAX. 4.5MAX. 2.9 3.8 2 1 3 BOTTOM VIEW / 裏面図 LAND PATTERNS (mm) 推奨ランド寸法 CONNECTION 端子接続 |
유사한 부품 번호 - CDEP104-3R2B-88 |
|
유사한 설명 - CDEP104-3R2B-88 |