전자부품 데이터시트 검색엔진 |
|
CDC5D20-332KB 데이터시트(PDF) 4 Page - Sumida Corporation |
|
CDC5D20-332KB 데이터시트(HTML) 4 Page - Sumida Corporation |
4 / 4 page SPECIFICATION TYPE CDC5D20 2-2.ELECTRICAL CHARACTERISTICSⅠ (IN THE CASE OF REEL) 2-3.ELECTRICAL CHARACTERISTICSⅡ (IN THE CASE OF BOX) ※1 MEASURING FREQUENCY at 100kHz ※2 ( )TYPICAL VALUE. ※3 THE RATED CURRENT INDICATES THE LOWER VALUE OF CURRENT WHEN THE INDUCTANCE IS 10% LOWER THAN ITS INITIAL VALUE AT D.C. SUPERPOSITION OR THE TEMPERATURE OF COIL RISES 40℃ WITH D.C. CURRENT PASSING.(Ta=20℃) NO. PART NO. STAMP INDUCTANCE [WITHIN] ※1 RATED CURRENT (mA)※3 D.C.R. (Ω) MAX. (at20℃) ※2 SUMIDA CODE 01 02 03 04 05 CDC5D2Ø-471KC CDC5D2Ø-561KC CDC5D2Ø-681KC CDC5D2Ø-821KC CDC5D2Ø-1Ø2KC 471 561 681 821 102 470μH±10% 560μH±10% 680μH±10% 820μH±10% 1.0mH±10% 140 125 115 105 100 5.8(4.5) 7.0(5.4) 8.6(6.6) 11.0(9.0) 13.0(10.0) 4786-0003 4786-0004 4786-0005 4786-0006 4786-0007 06 07 08 CDC5D2Ø-122KC CDC5D2Ø-152KC CDC5D2Ø-222KC 122 152 222 1.2mH±10% 1.5mH±10% 2.2mH±10% 90 70 65 15.0(11.0) 21.0(16.0) 27.0(21.0) 4786-0008 4786-0009 4786-0010 09 10 11 CDC5D2Ø-272KC CDC5D2Ø-332KC CDC5D2Ø-392KC 272 332 392 2.7mH±10% 3.3mH±10% 3.9mH±10% 55 50 45 36.0(28.0) 41.0(31.0) 50.0(38.0) 4786-0011 4786-0012 4786-0013 12 13 CDC5D2Ø-472KC CDC5D2Ø-562KC 472 562 4.7mH±10% 5.6mH±10% 40 35 62.0(47.0) 74.0(57.0) 4786-0014 4786-0015 NO. PART NO. STAMP INDUCTANCE [WITHIN] ※1 RATED CURRENT (mA)※3 D.C.R. (Ω) MAX. (at20℃) ※2 SUMIDA CODE 14 15 16 17 18 CDC5D2Ø-471KB CDC5D2Ø-561KB CDC5D2Ø-681KB CDC5D2Ø-821KB CDC5D2Ø-1Ø2KB 471 561 681 821 102 470μH±10% 560μH±10% 680μH±10% 820μH±10% 1.0mH±10% 140 125 115 105 100 5.8(4.5) 7.0(5.4) 8.6(6.6) 11.0(9.0) 13.0(10.0) 4786-0016 4786-0017 4786-0018 4786-0019 4786-0020 19 20 21 CDC5D2Ø-122KB CDC5D2Ø-152KB CDC5D2Ø-222KB 122 152 222 1.2mH±10% 1.5mH±10% 2.2mH±10% 90 70 65 15.0(11.0) 21.0(16.0) 27.0(21.0) 4786-0021 4786-0022 4786-0023 22 23 24 CDC5D2Ø-272KB CDC5D2Ø-332KB CDC5D2Ø-392KB 272 332 392 2.7mH±10% 3.3mH±10% 3.9mH±10% 55 50 45 36.0(28.0) 41.0(31.0) 50.0(38.0) 4786-0024 4786-0025 4786-0026 25 26 CDC5D2Ø-472KB CDC5D2Ø-562KB 472 562 4.7mH±10% 5.6mH±10% 40 35 62.0(47.0) 74.0(57.0) 4786-0027 4786-0028 |
유사한 부품 번호 - CDC5D20-332KB |