전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APTGT400U120D4 데이터시트(PDF) 2 Page - Advanced Power Technology

부품명 APTGT400U120D4
상세설명  Single switch Trench IGBT Power Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADPOW [Advanced Power Technology]
홈페이지  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGT400U120D4 데이터시트(HTML) 2 Page - Advanced Power Technology

  APTGT400U120D4 Datasheet HTML 1Page - Advanced Power Technology APTGT400U120D4 Datasheet HTML 2Page - Advanced Power Technology APTGT400U120D4 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
APTGT400U120D4
APT website – http://www.advancedpower.com
2 - 3
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
BVCES
Collector - Emitter Breakdown Voltage
VGE = 0V, IC = 12mA
1200
V
ICES
Zero Gate Voltage Collector Current
VGE = 0V, VCE = 1200V
8
mA
Tj = 25°C
1.4
1.7
2.1
VCE(on) Collector Emitter on Voltage
VGE = 15V
IC = 400A
Tj = 125°C
2.0
V
VGE(th)
Gate Threshold Voltage
VGE = VCE , IC = 12mA
5.0
5.8
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
600
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
Cies
Input Capacitance
28
Coes
Output Capacitance
1.6
Cres
Reverse Transfer Capacitance
VGE = 0V
VCE = 25V
f = 1MHz
1.2
nF
Td(on)
Turn-on Delay Time
280
Tr
Rise Time
90
Td(off)
Turn-off Delay Time
550
Tf
Fall Time
Inductive Switching (25°C)
VGE = ±15V
VBus = 600V
IC = 400A
RG = 1.8Ω
130
ns
Td(on)
Turn-on Delay Time
300
Tr
Rise Time
100
Td(off)
Turn-off Delay Time
650
Tf
Fall Time
Inductive Switching (125°C)
VGE = ±15V
VBus = 600V
IC = 400A
RG = 1.8Ω
180
ns
Reverse diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
Tj = 25°C
1.6
2.1
VF
Diode Forward Voltage
IF = 400A
VGE = 0V
Tj = 125°C
1.6
V
Erec
Reverse Recovery Energy
IF = 400A
VR = 600V
di/dt =900A/µs
Tj = 125°C
34
mJ
Tj = 25°C
40
Qrr
Reverse Recovery Charge
IF = 400A
VR = 600V
di/dt =900A/µs Tj = 125°C
72
µC
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
IGBT
0.055
RthJC
Junction to Case
Diode
0.125
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min,
I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
125
°C
M6
3
5
Torque Mounting torque
M4
1
2
N.m
Wt
Package Weight
420
g


유사한 부품 번호 - APTGT400U120D4

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
APTGT400U120D4G MICROSEMI-APTGT400U120D4G Datasheet
205Kb / 5P
   Single switch Trench Field Stop IGBT Power Module
More results

유사한 설명 - APTGT400U120D4

제조업체부품명데이터시트상세설명
logo
Advanced Power Technolo...
APTGT200U170D4 ADPOW-APTGT200U170D4 Datasheet
194Kb / 3P
   Single switch Trench IGBT Power Module
APTGT200U120D4 ADPOW-APTGT200U120D4 Datasheet
194Kb / 3P
   Single switch Trench IGBT Power Module
APTGT300U120D4 ADPOW-APTGT300U120D4 Datasheet
194Kb / 3P
   Single switch Trench IGBT Power Module
APTGT600U120D4 ADPOW-APTGT600U120D4 Datasheet
192Kb / 3P
   Single switch Trench IGBT Power Module
APTGT600U170D4 ADPOW-APTGT600U170D4 Datasheet
388Kb / 3P
   Single switch Trench IGBT® Power Module
January, 2004 Rev 0
logo
Microsemi Corporation
APTGT600U120D4G MICROSEMI-APTGT600U120D4G Datasheet
205Kb / 5P
   Single switch Trench Field Stop IGBT Power Module
APTGT750U60D4G MICROSEMI-APTGT750U60D4G Datasheet
202Kb / 5P
   Single switch Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT300U170D4G ADPOW-APTGT300U170D4G Datasheet
267Kb / 5P
   Single switch Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT600U170D4G MICROSEMI-APTGT600U170D4G Datasheet
204Kb / 5P
   Single switch Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT400U170D4G ADPOW-APTGT400U170D4G Datasheet
267Kb / 5P
   Single switch Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com