전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSF-74TY0136A 데이터시트(PDF) 1 Page - Golledge Electronics Ltd

부품명 GSF-74TY0136A
상세설명  SM Monolithic Filter 3 poles
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSF-74TY0136A 데이터시트(HTML) 1 Page - Golledge Electronics Ltd

  GSF-74TY0136A Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
SM Monolithic Filter - 3-poles
GSF-74
06 Sep 2005
Available on T&R - 1k pcs per reel.
Refer to our website for T&R and soldering details.
Features
« 3-pole models in one package
« Cost-effective performance
« Frequencies from 21.40 ~110MHz available
« Custom specifications available
« Miniature SM package
7.20
(max)
5.20
(max)
1.50
(max)
1.00
1.20
1
2
3
4
5
6
ACTUAL SIZE
2.54
PAD
1
2
3
4
5
6
CONNECTION
Ground
Ground
In / Out
Ground
Ground
Out / In
SOLDER PAD LAYOUT
1.40
1.40
2.00 4.00 2.00
1.14
TOP VIEW
2.00
Scale 2:1
Standard Specifications
Product name + model number
eg: GSF-74 TY0129A
GSF-74 TY0137A
Option code X (eg GSF-74/X) denotes a custom spec.
Ordering Information
Model
Centre
Number
Pass Band
Attenuation
In-Band
Insertion
Guaranteed
Termination
Operating
No of
Number
Frequency
of Poles
(dB @ kHz)
Band
Ripple
Loss
Attenuation
(
// pF)
Temperature
Units
(MHz)
(dB @ kHz)
(dB)
(dB)
(dB @ kHz)
Range (°C)
Custom specifications available
TY0129A
21.400
3
3 ±3.75
23
±12.5
1.0
3.0
60
-910 ±10
850 // 6.0
-20 to +70
1
TY0131A
21.400
3
3
±6.0
15
±12.5
1.0
3.0
60
-910 ±10
850 // 2.0
-20 to +70
1
TY0135A
21.400
3
3 ±7.50
18
±25.0
1.0
3.0
60
-910 ±10
1500 // 2.5
-20 to +70
1
TY0137A
21.400
3
3 ±7.50
18
±25.0
1.0
3.0
60
-910 ±10
850 // 2.0
-20 to +70
1
TY0136A
21.700
3
3 ±3.75
20
±20.0
1.0
3.0
60
-910 ±10
850 // 6.0
-20 to +70
1
TY0122A
45.000
3
3 ±3.75
10
±12.5
1.0
3.0
65
-910 ±10
200 // 4.0
-20 to +70
1
TY0132A
45.150
3
3
±7.0
15
±25.0
1.0
5.0
70
-910 ±10
600 // 3.0
-20 to +70
1
*TBA *
90.000
3
3 ±10.0
15
±25.0
1.0
3.0
20
+500 ~ +1000
1500 // -1.4
-20 to +70
1
70
-300 ~ -1000


유사한 부품 번호 - GSF-74TY0136A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
GSF-74TY0136A GOLLEDGE-GSF-74TY0136A Datasheet
546Kb / 3P
   21.7MHz 3 pole crystal filter with 7.5kHz 3dB bandwidth
More results

유사한 설명 - GSF-74TY0136A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
GSF75 GOLLEDGE-GSF75 Datasheet
51Kb / 1P
   SM Monolithic Filter
GSF-75 GOLLEDGE-GSF-75_15 Datasheet
182Kb / 1P
   SM Monolithic Filter
GSF71 GOLLEDGE-GSF71 Datasheet
49Kb / 1P
   SM Monolithic Filter
GSF72 GOLLEDGE-GSF72 Datasheet
55Kb / 1P
   SM Monolithic Filter
GSF61 GOLLEDGE-GSF61 Datasheet
48Kb / 1P
   SM Monolithic Filter
CFUKFG GOLLEDGE-CFUKFG Datasheet
48Kb / 1P
   SM CERAMIC FILTER
logo
Vectron International, ...
MQF13.0-2500 VECTRON-MQF13.0-2500_06 Datasheet
56Kb / 1P
   Monolithic crystal filter
MQF19.5-1200 VECTRON-MQF19.5-1200_06 Datasheet
57Kb / 1P
   Monolithic crystal filter
MQF20.0-0300 VECTRON-MQF20.0-0300_06 Datasheet
55Kb / 1P
   Monolithic crystal filter
MQF21.4-0750 VECTRON-MQF21.4-0750_06 Datasheet
60Kb / 1P
   Monolithic crystal filter
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com