전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSX-1A 데이터시트(Datasheet) 1 Page - Golledge Electronics Ltd

부품명 GSX-1A
상세내용  SM Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo 

   
 1 page
background image
SM Crystal
GSX-1
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
02 Mar 2004
Variant
AB
C
ACTUAL SIZE
7.50
(max)
5.00
(max)
1.40
(max)
1.50
2.00
1.50
1.50 4.50 1.50
SOLDER PAD LAYOUTS
2.40
2.20
4.10 2.20
TOP VIEW
GSX-1A
1.30
2.40
1.30
5.08
1.50
1.50
2.20
2.20
2.20
2.40 2.60 2.40
TOP VIEW
GSX-1C
2.50
1.00
1.50 4.50 1.50
1.40
1.10
1.40
2.20 4.10 2.20
TOP VIEW
GSX-1B
4
2
1
3
1
4
2
3
Features
« Ceramic SM package
« Fundamental mode up to 50.0MHz
« Low cost for volume applications
« Large stocks of standard frequencies
Standard Frequencies
Option
Codes
Parameters
Product name + variant + option codes (if any) + frequency
+ circuit condition (if non-standard)
eg:
GSX-1A/551DF 16.0MHz 50/50/10/16-F (standard)
GSX-1A/5C1S3 48.0MHz 50/100/10/S-3
Option code X (eg GSX-1/X) denotes a custom specification.
Ordering Information
Fundamental in MHz
3rd Overtone
Standard.
Optional - Please specify required code(s) when ordering
Scale 2:1
Specifications
GSX-1A: 2 pads, opposite ends
GSX-1B: 4 pads, diagonal connections
GSX-1C: 2 pads, 5.08mm pitch
Preferred choice for SM crystal.
Available on T&R - 2k pcs per reel.
Refer to our website for T&R and soldering details.
6.000000
7.372800
8.000000
9.216000
9.830400
10.000000
11.059200
12.000000
14.318180
14.745600
15.000000
15.360000
16.000000
16.384000
18.000000
18.432000
19.660800
20.000000
22.118400
24.000000
24.576000
25.000000
28.224000
29.491200
29.498900
30.000000
32.000000
32.768000
36.000000
36.864000
40.000000
49.152000
50.000000
32.00000
32.76800
36.00000
36.86400
40.00000
49.15200
50.00000
56.44800
60.00000
64.00000
66.66600
Package:
GSX-1A
GSX-1B
GSX-1C
Frequency range: 6.0 ~ 67.0MHz
Calibration tolerance:
±30ppm
3
±50ppm
5
Other (±20ppm ~ ±100ppm)
specify
Temperature stability:
±30ppm
3
±50ppm
5
±100ppm
C
±20ppm ~ ±100ppm
specify
Operating temperature range:
-10 to +60°C
1
-20 to +70°C
2
-40 to +85°C
4
other
specify
Circuit condition:
12pF
B
16pF
D
18pF
E
20pF
F
30pF
J
Series resonant
S
other values
specify
Oscillation mode:
Fundamental (6.0 ~ 50.0MHz)
F
3rd overtone (28.1 ~ 50.0MHz)
3
3rd overtone (50.1 ~ 67.0MHz)
3
Static capacitance (C0): 7pF max
Equivalent series resistance (max):
80
(6.0 ~ 9.9MHz)
60
(10.0 ~ 15.9MHz, fund)
40
(16.0 ~ 50.0MHz, fund)
60
(28.0 ~ 67.0MHz, 3rd OT)
Ageing:
±5ppm max first year
Test drive level:
100µW
Soldering condition:
260°C, 10 sec x2 max




Html 페이지

1 


데이터시트



관련 부품명

부품명상세내용Html View제조사
SM5021Crystal Oscillator Module ICs 1 2 3 4 5 MoreNippon Precision Circuits Inc
M4TXX-BR12SHTIMEKEEPER SNAPHAT Battery & Crystal 1 2 3 4 5 MoreSTMicroelectronics
SA8807A96 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER SERIAL SPI INTERFACE 1 2 3 4 5 MoreSames
DS001AKASingle-Panel Liquid Crystal Optical Engine for Rear Projectors 1 2 3 4 5 MoreSony Corporation
ACM1602TSPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY 1 2 3 4 5 MoreAZ Displays
AGM1232ESPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY 1 2 3 4 5 MoreAZ Displays
HA721010kHz to 10MHz Low Power Crystal Oscillator 1 2 3 4 5 MoreIntersil Corporation
MX98715AEC-CSINGLE CHIP FAST ETHERNET NIC CONTROLLER - CRYSTAL VERSION 1 2 3 4 5 MoreMacronix International
G121C00P000LIQUID CRYSTAL DISPLAY MODULE 1 2 3 4 5 MoreSeiko Instruments Inc
CC4VSM WATCH CRYSTAL MIL TEMP 1 List of Unclassifed Manufacturers

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl