전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSX-2F552JF 데이터시트(Datasheet) 1 Page - Golledge Electronics Ltd

부품명 GSX-2F552JF
상세내용  SM Crystal High Frequency Fundamental
PDF  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo 

   
 1 page
background image
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
SM Crystal High Frequency Fundamental
GSX-2F
24 Jul 2002
ACTUAL SIZE
1.00
0.60Ø
4.50
2.50
1
2
43
7.50
(max)
5.00
(max)
1.10
(max)
SOLDER PAD LAYOUT
1.40
1.40
2.20 4.10 2.20
1.14
4
2
1
3
TOP VIEW
PAD
1
2
3
4
CONNECTION
Crystal
Ground & lid
Crystal
Ground & lid
Features
« Fundamental mode up to 156MHz
« Inverted mesa technology
« Metal lid can be grounded to minimise EMI
« Low height for maximum space saving
Product name + option codes + frequency
eg:
GSX-2F/221DF 155.52MHz 20/20/10/16-F (standard)
GSX-2F/552JF 77.760MHz 50/50/20/30-F
Option code X (eg GSX-2F/X) denotes a custom specification.
Ordering Information
GSX-2F
Option
Codes
Product
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Scale 2:1
Specifications
Available on T&R - 1k or 3k pcs per reel.
Refer to our website for T&R and soldering details.
Frequency range:
50.0 ~ 156.0MHz
Calibration tolerance:
±20ppm
2
±50ppm
5
Other values (±20ppm ~ ±100ppm)
specify
Temperature stability:
±20ppm
2
±50ppm
5
Other values (±20ppm ~ ±100ppm)
specify
Operating temperature range:
-10 to +60°C
1
-20 to +70°C
2
Other values
specify
Circuit condition:
16pF
D
18pF
E
20pF
F
30pF
J
Other values
specify
Oscillation mode:
Fundamental
F
Static capacitance (C0): 7pF max
Equivalent series resistance:
30
max
Ageing:
±5ppm max first year
Test drive level:
100µW
Soldering condition:
260°C, 10 sec x2 max




Html 페이지

1 


데이터시트



관련 부품명

부품명상세내용Html View제조사
SG-615PCVSMD TYPE HIGH FREQUENCY CRYSTAL OSCILLATOR 1 2 Epson ToYoCom
MA-306SMALL SMD HIGH - FREQUENCY CRYSTAL UNIT 1 List of Unclassifed Manufacturers
NJU6360High Drive Fundamental Quartz Crystal Oscillator 1 2 3 4 5 New Japan Radio
GVXO455V VCXO High Frequency Fundamental 1 Golledge Electronics Ltd
GVXO463.3V VCXO High Frequency Fundamental 1 Golledge Electronics Ltd
GCX39High Frequency Cylindrical Crystal 1 Golledge Electronics Ltd
CC1FSM Crystal Mil Temp High Freq Fundamental 1 Golledge Electronics Ltd
CC6FSM Crystal Mil Temp High Freq Fundamental 1 Golledge Electronics Ltd
XO7010High Frequency Fundamental Wide Pulling Range Standard 14 Pin DIP/DIL 1 MTRONPTI

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl