전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSX8A 데이터시트(Datasheet) 1 Page - Golledge Electronics Ltd

부품명 GSX8A
상세내용  SM Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo 

   
 1 page
background image
12.000000
13.000000
14.318180
14.745600
16.000000
18.432000
19.660800
20.000000
24.000000
24.576000
25.000000
27.000000
28.224000
30.000000
32.000000
33.333000
40.000000
48.000000
56.448000
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
SM Crystal
GSX-8A
15 Mar 2002
Product
GSX-8A
Option
Codes
Parameters
Standard.
Optional - Please specify required code(s) when ordering
ACTUAL SIZE
SOLDER PAD LAYOUTS
1.8
1.7 2.6 1.7
TOP VIEW
1.00
1.00
1.40
5.20
(max)
3.40
(max)
1.00
(max)
2.54
Features
« Ceramic SM package
« Fundamental mode up to 67.0MHz
« Low cost for volume applications
« Suitable for hand held applications
Standard Frequencies
Product name + variant + option codes (if any) + frequency
+ circuit condition (if non-standard)
eg:
GSX-8A 16.0MHz -/100/10/16-F (standard)
Option code X (eg GSX-8A/X) denotes a custom specification.
Ordering Information
Fundamental in MHz
Scale 2:1
Specifications
Available on T&R - 2k pcs per reel.
Refer to our website for T&R and soldering details.
Frequency range: 12.0 ~ 67.0MHz
Overall stability:
±100ppm incl cal tol
±20ppm ~ ±100ppm
specify
Operating temperature range:
-10 to +60°C
Other
specify
Storage temperature range:
-30 to +85°C
Circuit condition:
16pF
Other values
specify
Static capacitance (C0): 7pF max
Equivalent series resistance (max):
140
(12.0 ~ 13.9MHz)
90
(14.0 ~ 15.9MHz)
60
(16.0 ~ 67.0MHz)
Ageing:
±5ppm max first year
Test drive level:
100µW
Soldering condition:
260°C, 10 sec x2 max




Html 페이지

1 


데이터시트



관련 부품명

부품명상세내용Html View제조사
SM5021Crystal Oscillator Module ICs 1 2 3 4 5 MoreNippon Precision Circuits Inc
M4TXX-BR12SHTIMEKEEPER SNAPHAT Battery & Crystal 1 2 3 4 5 MoreSTMicroelectronics
SA8807A96 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER SERIAL SPI INTERFACE 1 2 3 4 5 MoreSames
DS001AKASingle-Panel Liquid Crystal Optical Engine for Rear Projectors 1 2 3 4 5 MoreSony Corporation
ACM1602TSPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY 1 2 3 4 5 MoreAZ Displays
AGM1232ESPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY 1 2 3 4 5 MoreAZ Displays
HA721010kHz to 10MHz Low Power Crystal Oscillator 1 2 3 4 5 MoreIntersil Corporation
MX98715AEC-CSINGLE CHIP FAST ETHERNET NIC CONTROLLER - CRYSTAL VERSION 1 2 3 4 5 MoreMacronix International
G121C00P000LIQUID CRYSTAL DISPLAY MODULE 1 2 3 4 5 MoreSeiko Instruments Inc
CC4VSM WATCH CRYSTAL MIL TEMP 1 List of Unclassifed Manufacturers

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl