전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSX49-3 데이터시트(Datasheet) 1 Page - Golledge Electronics Ltd

부품명 GSX49-3
상세내용  SM Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo 

   
 1 page
background image
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
07 Jun 2005
SM Crystal
GSX49-4 & GSX49-3
SOLDER PAD LAYOUT
2.00
5.50
4.00
5.50
11.40
±0.20
3.80
(max)
4.70
±0.20
10.30
(max)
4.30
(max)
0.75
4.20
12.30
±0.60
0.70
±0.10
Insulating Base
11.40
±0.20
3.80
(max)
4.70
±0.20
4.20
12.30
±0.60
GSX49-4
GSX49-3
10.30
(max)
3.20
(max)
0.75
0.70
±0.10
0-0.3
0-0.3
Features
« Wide frequency range
« Low profile case
« Fundamental mode available up to 50.0MHz
« Large stocks of standard frequencies
« Low cost
Standard Frequencies
Product name + frequency + circuit condition
eg:
GSX49-4/351DF 20.0MHz 30/50/10/16-F (standard)
GSX49-3/5C2S3 48.0MHz 50/100/20/S-3
Option code X (eg GSX49-4/X) denotes a custom specification.
Ordering Information
Frequencies in MHz
Standard.
Optional - Please specify required code(s) when ordering
Scale 1:1
Option
Codes
GSX49-4 GSX49-3
Product
Parameters
Specifications
GSX49-4: 4.3mm maximum height
GSX49-3: 3.2mm maximum height
Available on T&R - 1k pcs per reel.
Refer to our website for T&R and soldering details.
Lowest cost SMD crystal.
3.579545
3.686400
4.000000
4.194304
4.608000
4.915200
5.000000
6.000000
6.144000
7.372800
8.000000
8.064000
9.600000
9.830400
10.000000
10.240000
11.059200
12.000000
12.288000
14.318180
14.745600
15.360000
16.000000
16.000312
16.384000
18.432000
19.660800
20.000000
20.275200
20.507000
22.118400
24.000000
24.000140
24.576000
25.000000
27.000000
28.224000
28.636360
32.000000
35.251200
40.000000
48.000000
50.000000
Package:
HC49-4H SMD
HC49-3H SMD
Frequency range:
3.2768 ~ 90.0MHz
3.579 ~ 90.0MHz
Calibration tolerance:
±20ppm
2
±30ppm
3
±50ppm
5
Other values (±10ppm ~ ±100ppm)
specify
Temperature stability:
±30ppm
3
±50ppm
5
±100ppm
C
±10ppm ~ ±100ppm
specify
Operating temperature range:
-10 to +60°C
1
-20 to +70°C
2
-30 to +80°C
3
-40 to +85°C
4
Other values
specify
Circuit condition:
12pF
B
16pF
D
18pF
E
20pF
F
30pF
J
Other values
specify
Oscillation mode:
Fundamental
F
3rd overtone
3
Equivalent series resistance (max):
200
(>3.2 ~ 3.5MHz)
150
(>3.5 ~ 4.0MHz)
120
(>4.0 ~ 4.4MHz)
100
(>4.4 ~ 7.0MHz)
70
(>7.0 ~ 10.0MHz)
50
(>10.0 ~ 50.0MHz, fund)
100
(>25.0 ~ 90.0MHz, 3rd OT)
Static capacitance (C0): 7pF max
Ageing:
±3ppm max first year
Test drive level:
100µW




Html 페이지

1 


데이터시트



관련 부품명

부품명상세내용Html View제조사
SM5021Crystal Oscillator Module ICs 1 2 3 4 5 MoreNippon Precision Circuits Inc
M4TXX-BR12SHTIMEKEEPER SNAPHAT Battery & Crystal 1 2 3 4 5 MoreSTMicroelectronics
SA8807A96 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER SERIAL SPI INTERFACE 1 2 3 4 5 MoreSames
DS001AKASingle-Panel Liquid Crystal Optical Engine for Rear Projectors 1 2 3 4 5 MoreSony Corporation
ACM1602TSPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY 1 2 3 4 5 MoreAZ Displays
AGM1232ESPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY 1 2 3 4 5 MoreAZ Displays
HA721010kHz to 10MHz Low Power Crystal Oscillator 1 2 3 4 5 MoreIntersil Corporation
MX98715AEC-CSINGLE CHIP FAST ETHERNET NIC CONTROLLER - CRYSTAL VERSION 1 2 3 4 5 MoreMacronix International
G121C00P000LIQUID CRYSTAL DISPLAY MODULE 1 2 3 4 5 MoreSeiko Instruments Inc
CC4VSM WATCH CRYSTAL MIL TEMP 1 List of Unclassifed Manufacturers

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl