전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSX-3331P3AF 데이터시트(Datasheet) 2 Page - Golledge Electronics Ltd

부품명 GSX-3331P3AF
상세내용  SM crystal for Bluetooth / Wireless
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo 

   
 2 page
background image
Product Information
GSX-333
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
28 Mar 2005
Composition
Construction
« Ceramic body with gold-plated pads
« Metal lid,seam sealed
Soldering Profile
Maximum solder resistance: 260°C x 10 secs x 2.
Pb
LeadFree
This product is lead-free, and is fully compliant with
the RoHS directive 2002/95/EC
2002/95/EC
RoHS
200
100
0
°C
Time
5°C/s max
5°C/s max
60~90s max
50~60s max
10s max
Preheat
140~160°C
260
Heat
> 200°C
Slow
cooldown
Tape & Reel Specification
4.0
1.75
1.50Ø
12.0
±0.3
4.0
2.8
5.5
±0.05
3.0
12.4
13Ø
330Ø
100Ø
1.1
1.50
20.2Ø
120°
2.0
FEED
+2.0
-0.0
3.8
0.3
±0.05
Production quantities supplied on T & R, 1k or 3k pcs per reel.
Small quantities may be supplied on tape (no reel), or in bulk.
Packaging & Handling
Not to scale. Dimensional tolerances ±0.1mm unless otherwise stated
FREQUENCY
T DC
Marking type: Laser
DC = Date code in YW, as shown below
Example: “zd” = 2004 week 30
Marking
Year
2001
2005
2002
2006
2003
2007
2004
2008
Code
Z
z
Z
z
Week codes:
A ~ Z: weeks 1 to 26
a ~ z: weeks 27 to 52




Html 페이지

1  2 


데이터시트



관련 부품명

부품명상세내용Html View제조사
GSX323SM crystal for Bluetooth / wireless 1 2 Golledge Electronics Ltd
GSX433SM Crystal for Bluetooth / Wireless 1 2 Golledge Electronics Ltd
GSX533SM Crystal for Bluetooth / wireless 1 2 Golledge Electronics Ltd
DLBM-CA120A Class 2 Bluetooth module suitable for wireless Audio applications. 16 64Kbit EEPROM 1 2 3 4 5 MoreDelta Electronics, Inc.
SM5610IC for Quartz Crystal Oscillating Module 1 2 3 4 5 MoreNippon Precision Circuits Inc
DS005AKCSingle-Panel Liquid Crystal Optical Engine for Rear Projectors 1 2 3 4 5 MoreSony Corporation
ACM1604CSPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY 1 2 3 4 5 MoreAZ Displays
AGM3224KSPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY 1 2 3 4 5 MoreAZ Displays
HD66108 RAM-Provided 165-Channel LCD Driver for Liquid Crystal Dot Matrix Graphics 1 2 3 4 5 MoreHitachi Semiconductor
AN5372SIC for Liquid Crystal Color TV 1 Panasonic Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl