전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSX431 데이터시트(Datasheet) 1 Page - Golledge Electronics Ltd

부품명 GSX431
상세내용  SM Crystal Mtal Lid
PDF  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo 

   
 1 page
background image
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
SM Crystal - Metal Lid
GSX-431
01 Jul 2004
Product name + option codes + frequency
eg:
GSX-431/111DF 16.0MHz 10/10/10/16-F
GSX-431/1P3AF 26.0MHz 10/15/30/10-F
Option code X (eg GSX-431/X) denotes a custom specification.
Ordering Information
±10ppm temperature stability may not be available over -30+80°C.
Check with our sales office before ordering.
Available on T&R - 1k pcs per reel.
Refer to our website for T&R and soldering details.
Product
GSX-431
Option
Codes
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Specifications
SOLDER PAD LAYOUT
ACTUAL SIZE
TOP VIEW
4.20
(max)
2.70
(max)
0.80
(max)
2.00
0.70
1.20
0.50
1.20
1.40
1.40
1.60
12
43
1
4
2
3
PAD
1
2
3
4
CONNECTION
Crystal
Ground & lid
Crystal
Ground & lid
Features
« Metal lid can be grounded to minimise EMI
« Seam sealed for excellent long-term stability
« Ultra-miniature for maximum space saving
« Ideal for Bluetooth applications
Scale 3:1
Frequencies in MHz
Standard Frequencies
Other frequencies available. Please consult our sales office.
13.00000
16.00000
24.57600
25.00000
26.00000
32.00000
Frequency range: 13.0 ~ 32.0MHz
Calibration tolerance:
±10ppm
1
±15ppm
P
±20ppm
2
Other values (±7.5 ~ ±100ppm)
specify
Temperature stability:
±10ppm
1
±15ppm
P
±20ppm
2
±30ppm
3
Other values (±7.5 ~ ±100ppm)
specify
Operating temperature range:
-10 to +60°C
1
-20 to +70°C
2
-30 to +80°C
3
Other values
specify
Storage temperature range:
-40 to +90°C
Circuit condition:
9pF
N
12pF
B
16pF
D
Series resonant
S
Other values
specify
Oscillation mode:
Fundamental
F
Static capacitance (C0): 7pF max
Equivalent series resistance (max):
80
(13.0 ~ 16.0MHz)
60
(>16.0 ~ 32.0MHz)
Ageing:
±3ppm max first year
±1ppm max first year
specify
Test drive level:
100µW
Soldering condition:
240°C, 10 sec x2 max




Html 페이지

1 


데이터시트



관련 부품명

부품명상세내용Html View제조사
GSX331SM Crystal Metal Lid 1 Golledge Electronics Ltd
GSX531SM Crystal Metal Lid 1 Golledge Electronics Ltd
GSX532SM Crystal Ceramic Lid 1 Golledge Electronics Ltd
GSX641SM Crystal Metal Lid 1 Golledge Electronics Ltd
GSX642SM Crystal ceramic Lid 1 Golledge Electronics Ltd
GSX751SM Crystal Metal Lid 1 Golledge Electronics Ltd
GSX752SM Crystal Ceramic Lid 1 Golledge Electronics Ltd
GSX852SM Crystal Ceramic Lid 1 Golledge Electronics Ltd
SM5021Crystal Oscillator Module ICs 1 2 3 4 5 MoreNippon Precision Circuits Inc
M4TXX-BR12SHTIMEKEEPER SNAPHAT Battery & Crystal 1 2 3 4 5 MoreSTMicroelectronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl