전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSX433 데이터시트(Datasheet) 1 Page - Golledge Electronics Ltd

부품명 GSX433
상세내용  SM Crystal for Bluetooth / Wireless
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo 

   
 1 page
background image
12.0MHz
9pF, ±11.3ppm/pF typ pullability CSR, Zeevo MA04647*
12.0MHz
16pF, ±3.7ppm/pF typ pullability
MA04650
13.0MHz
16pF, C
1 = 2.5fF typ
TI
MA04648
13.0MHz
7pF, C
1 = 2.5fF typ
Philips
MA04649
13.0MHz
9pF, C
1 = 2.4fF typ
MA04654
15.360MHz
10pF, C
1 = 3.0±0.6fF
Broadcom
MA04651
15.360MHz
12pF, C
1 = 3.0±0.6fF
Broadcom
MA04652
16.0MHz
9pF, ±18ppm/pF typ pullability
CSR
MA03057*
26.0MHz
9pF, ±27ppm/pF typ pullability
MA04653
Frequency
Specification
IC
Part No
12.0MHz
18pF, C
1 = 2.0fF typ
DSC mobile MA06114
16.367667MHz 20pF, , C
1 = 3.7fF typ
MA06113
24.0MHz
12pF, C
1 = 4.5fF typ
DSC mobile MA06115
24.0MHz
20pF, C
1 = 4.5fF typ
DSC mobile MA06116
24.5535MHz
32pF, C
1 = 5.1fF typ
SiRF GPS
MA06112
26.0MHz
12pF, C
1 = 5.5fF typ
MA06117
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
SM Crystal for Bluetooth / Wireless
GSX-433
08 Oct 2004
Product name + option codes + frequency
eg:
GSX-433/111NF 16.0MHz 10/10/10/9-F
GSX-433/1P3AF 26.0MHz 10/15/30/10-F
Option code X (eg GSX-433/X) denotes a custom specification.
Ordering Information
±10ppm temperature stability may not be available over -30+80°C.
Check with our sales office before ordering.
Available on T&R - 1k or 3k pcs per reel.
Refer to our website for T&R and soldering details.
Product
GSX-433
Option
Codes
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Specifications
Features
« Good frequency perturbation
« Metal lid can be grounded to minimise EMI
« Seam sealed for excellent long-term stability
« Ultra-miniature for maximum space saving
« Ideal for Bluetooth /Wireless applications
Scale 3:1
Frequency range: 12.0 ~ 44.0MHz
Calibration tolerance:
±10ppm
1
±15ppm
P
±20ppm
2
Other values (±7.5 ~ ±100ppm)
specify
Temperature stability:
±10ppm
1
±15ppm
P
±20ppm
2
±30ppm
3
Other values (±7.5 ~ ±100ppm)
specify
Operating temperature range:
-10 to +60°C
1
-20 to +70°C
2
-30 to +80°C
3
Other values
specify
Storage temperature range:
-40 to +85°C
Circuit condition:
9pF
N
12pF
B
16pF
D
Series resonant
S
Other values
specify
Oscillation mode:
Fundamental
F
Equivalent series resistance:
60
max
Frequency perturbation:
±1ppm max
Ageing:
±1ppm max first year
Test drive level:
10µW
Soldering condition:
260°C, 10 sec x2 max
ACTUAL SIZE
4.10
(max)
2.60
(max)
0.80
(max)
SOLDER PAD LAYOUT
TOP VIEW
2.00
0.70
1.20
0.50
1.20
1.40
1.40
1.60
12
43
1
4
2
3
PAD
1
2
3
4
CONNECTION
Crystal
Ground & lid
Crystal
Ground & lid
Bluetooth Applications
GPS / Mobile Applications
Frequency
Specification
IC / Appln Part No
* Qualified for use with CSR chipset solutions. Golledge is a global supply partner for CSR




Html 페이지

1  2 


데이터시트



관련 부품명

부품명상세내용Html View제조사
GSX323SM crystal for Bluetooth / wireless 1 2 Golledge Electronics Ltd
GSX333SM crystal for Bluetooth / Wireless 1 2 Golledge Electronics Ltd
GSX533SM Crystal for Bluetooth / wireless 1 2 Golledge Electronics Ltd
DLBM-CA120A Class 2 Bluetooth module suitable for wireless Audio applications. 16 64Kbit EEPROM 1 2 3 4 5 MoreDelta Electronics, Inc.
SM5610IC for Quartz Crystal Oscillating Module 1 2 3 4 5 MoreNippon Precision Circuits Inc
DS005AKCSingle-Panel Liquid Crystal Optical Engine for Rear Projectors 1 2 3 4 5 MoreSony Corporation
ACM1604CSPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY 1 2 3 4 5 MoreAZ Displays
AGM3224KSPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY 1 2 3 4 5 MoreAZ Displays
HD66108 RAM-Provided 165-Channel LCD Driver for Liquid Crystal Dot Matrix Graphics 1 2 3 4 5 MoreHitachi Semiconductor
AN5372SIC for Liquid Crystal Color TV 1 Panasonic Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl