전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSX-531LP2JF 데이터시트(Datasheet) 1 Page - Golledge Electronics Ltd

부품명 GSX-531LP2JF
상세내용  SM Crystal Metal Lid
PDF  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo 

   
 1 page
background image
0 to +50°C
-10 to +60°C
-20 to +70°C
-30 to +80°C
-40 to +85°C
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
SM Crystal - Metal Lid
GSX-531
13 Mar 2006
12
43
ACTUAL SIZE
TOP VIEW
5.20
(max)
3.40
(max)
0.80
(max)
2.60
1.40
1.30
1.00
1.30
1.60
1.60
2.20
SOLDER PAD LAYOUT
12
4
3
PAD
1
2
3
4
CONNECTION
Crystal
Ground & lid
Crystal
Ground & lid
Features
« Metal lid can be grounded to minimise EMI
« Seam seal for excellent long-term stability
« Tight specifications available
« Ultra-miniature for maximum space saving
Standard Frequencies
Product name + option codes + frequency
eg: GSX-531/111DF 12.80MHz 10/10/10/16-F
GSX-531/LP2JF 24.5760MHz 05/15/20/30-F
Option code X (eg GSX-531/X) denotes a custom specification.
Ordering Information
Frequencies in MHz
GSX-531
Option
Codes
Product
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Scale 3:1
Specifications
Available on T&R - 3k pcs per reel.
Refer to our website for T&R and soldering details.
Temperature Stability
The table shows available combinations of stability (in ppm)
and temperature range.
Other frequencies available. Please consult our sales office.
±30
±20
±15
-
±10
-
-
±5
-
-
-
12.600000
12.800000
13.000000
14.400000
19.200000
19.680000
20.657500
20.945000
Frequency range: 12.0 ~ 40.0MHz
Calibration tolerance:
±5ppm
L
±10ppm
1
±20ppm
2
±30ppm
3
Other values
specify
Temperature stability:
±5ppm
L
±10ppm
1
±15ppm
P
±20ppm
2
±30ppm
3
Other values
specify
Operating temperature range:
0 to +50°C
0
-10 to +60°C
1
-20 to +70°C
2
-30 to +80°C
3
-40 to +85°C
4
Other values
specify
Storage temperature range:
-40 to +90°C
Circuit condition:
9pF
N
12pF
B
16pF
D
20pF
F
30pF
J
Other values
specify
Oscillation mode:
Fundamental
F
Static capacitance (C
0):
7pF max
Equivalent series resistance:
40
max
Ageing:
±3ppm max first year
±1ppm max first year
specify
Test drive level:
100µW
Soldering condition:
260°C, 10 sec x2 max




Html 페이지

1 


데이터시트



관련 부품명

부품명상세내용Html View제조사
GSX331SM Crystal Metal Lid 1 Golledge Electronics Ltd
GSX641SM Crystal Metal Lid 1 Golledge Electronics Ltd
GSX751SM Crystal Metal Lid 1 Golledge Electronics Ltd
GSX431SM Crystal Mtal Lid 1 Golledge Electronics Ltd
GSX532SM Crystal Ceramic Lid 1 Golledge Electronics Ltd
GSX642SM Crystal ceramic Lid 1 Golledge Electronics Ltd
GSX752SM Crystal Ceramic Lid 1 Golledge Electronics Ltd
GSX852SM Crystal Ceramic Lid 1 Golledge Electronics Ltd
SM5021Crystal Oscillator Module ICs 1 2 3 4 5 MoreNippon Precision Circuits Inc
M4TXX-BR12SHTIMEKEEPER SNAPHAT Battery & Crystal 1 2 3 4 5 MoreSTMicroelectronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl