전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSX-532 데이터시트(Datasheet) 1 Page - Golledge Electronics Ltd

부품명 GSX-532
상세내용  SM Crystal Ceramic Lid
PDF  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo 

   
 1 page
background image
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
SM Crystal - Ceramic Lid
GSX-532
28 Jan 2003
ACTUAL SIZE
TOP VIEW
5.15
(max)
3.35
(max)
1.30
(max)
2.40
2.00
2.40
1.80
1.80
2.00
SOLDER PAD LAYOUTS
TOP VIEW
2.60
1.40
1.30
1.00
1.30
1.60
1.60
2.20
GSX-532A
GSX-532B
12
43
1
4
2
3
Features
« Ceramic body & lid
« Glass seal for best price / performance
« Ultra-miniature for maximum space saving
« Low cost for volume applications
Standard Frequencies
Product name + variant + option codes + frequency
eg:
GSX-532A/351EF 12.80MHz 30/50/10/18-F
GSX-532B/5C4DF 24.5760MHz 50/100/40/16-F
Option code X (eg GSX-532B/X) denotes a custom specification.
Ordering Information
Frequencies in MHz
Scale 3:1
GSX-532B (4-pad) variant is our preferred choice, and offers better
stock availability
±30ppm temperature stability may not be available over -40+85°C.
Check with our sales office before ordering.
Available on T&R - 1k pcs per reel.
Refer to our website for T&R and soldering details.
12.600000
12.800000
13.000000
14.400000
16.000000
19.200000
19.680000
20.945000
Other frequencies available. Please consult our sales office.
Variant
AB
Option
Codes
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Specifications
GSX-532A: 2 pads
GSX-532B: 4 corner pads
Package:
GSX-532A
GSX-532B
Frequency range: 12.0 ~ 50.0MHz
Calibration tolerance:
±30ppm
3
±50ppm
5
Other values (±20 ~ ±100ppm)
specify
Temperature stability:
±30ppm
3
±50ppm
5
±100ppm
C
Other values (±20 ~ ±100ppm)
specify
Operating temperature range:
-10 to +60°C
1
-20 to +70°C
2
-30 to +80°C
3
-40 to +85°C
4
Other values
specify
Storage temperature range:
-40 to +90°C
Circuit condition:
12pF
B
16pF
D
18pF
E
20pF
F
30pF
J
Other values
specify
Oscillation mode:
Fundamental
F
Static capacitance (C0): 7pF max
Equivalent series resistance (max):
60
(12.0 ~ <16.0MHz)
50
(16.0 ~ 50.0MHz)
Ageing:
±3ppm max first year
Test drive level:
100µW
Soldering condition:
235°C, 10 sec max




Html 페이지

1 


데이터시트



관련 부품명

부품명상세내용Html View제조사
GSX642SM Crystal ceramic Lid 1 Golledge Electronics Ltd
GSX752SM Crystal Ceramic Lid 1 Golledge Electronics Ltd
GSX852SM Crystal Ceramic Lid 1 Golledge Electronics Ltd
SN74LVC1404OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR 1 2 3 4 5 MoreTexas Instruments
GSX331SM Crystal Metal Lid 1 Golledge Electronics Ltd
GSX431SM Crystal Mtal Lid 1 Golledge Electronics Ltd
GSX531SM Crystal Metal Lid 1 Golledge Electronics Ltd
GSX641SM Crystal Metal Lid 1 Golledge Electronics Ltd
GSX751SM Crystal Metal Lid 1 Golledge Electronics Ltd
FX252BCERAMIC SMD CRYSTAL 1 List of Unclassifed Manufacturers

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl