전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSX533 데이터시트(Datasheet) 1 Page - Golledge Electronics Ltd

부품명 GSX533
상세내용  SM Crystal for Bluetooth / wireless
PDF  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo 

   
 1 page
background image
12.0MHz
9pF, C
1 = 4fF ±20%
Philips
MA06096
12.0MHz
18pF, C
1 = 4fF ±20%
Philips
MA06097
15.360MHz
18pF, 6.5ppm/pF typ pullability
MA06098
16.0MHz
9pF, 20ppm/pF min pullability
CSR
MA05625*
32.0MHz
12pF, 20ppm/pF typ pullability
S. Wave
MA06099
13.0MHz
8pF, 22.5ppm/pF ±15%
Silicon Labs MA06106
13.0MHz
8pF, 29.5ppm/pF ±10%
Silicon Labs MA06118
13.0MHz
8.5pF, 25.5ppm/pF ±10%
Silicon Labs MA06119
13.0MHz
11.5pF, C
1 = 4.9fF ±20%
Infineon
MA06107
16.367667MHz 20pF, C
1 = 6.0fF ±15%
MA06105
24.5535MHz
32pF, C
1 = 8.5fF ±15%
SiRF GPS
MA05925
26.0MHz
10pF, 18~25ppm/pF
Infineon
MA06108
26.0MHz
9.5pF, 20ppm/pF min
Hitachi
MA06122
Frequency
Specification
IC / Appln Part No
Frequency
Specification
IC
Part No
SM Crystal for Bluetooth / Wireless
GSX-533
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
08 Oct 2004
Product name + option codes + frequency
eg:
GSX-533/111NF 16.0MHz 10/10/10/9-F
GSX-533/1P3AF 26.0MHz 10/15/30/10-F
Option code X (eg GSX-533/X) denotes a custom specification.
Ordering Information
±10ppm temperature stability may not be available over -30+80°C.
Check with our sales office before ordering.
Available on T&R - 1k pcs per reel.
Refer to our website for T&R and soldering details.
Product
GSX-533
Option
Codes
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Specifications
Features
« Good frequency perturbation
« Metal lid can be grounded to minimise EMI
« Seam sealed for excellent long-term stability
« Ultra-miniature for maximum space saving
« Ideal for Bluetooth /Wireless applications
Scale 3:1
12
43
ACTUAL SIZE
TOP VIEW
5.10
(max)
3.30
(max)
0.90
(max)
2.40
1.40
1.30
1.00
1.30
1.60
1.60
2.20
SOLDER PAD LAYOUT
12
4
3
PAD
1
2
3
4
CONNECTION
Crystal
Ground & lid
Crystal
Ground & lid
Bluetooth Applications
GPS / Mobile Applications
* Qualified for use with CSR chipset solutions. Golledge is a global supply partner for CSR
Frequency range: 12.0 ~ 44.0MHz
Calibration tolerance:
±10ppm
1
±15ppm
P
±20ppm
2
Other values (±7.5 ~ ±100ppm)
specify
Temperature stability:
±10ppm
1
±15ppm
P
±20ppm
2
±30ppm
3
Other values (±7.5 ~ ±100ppm)
specify
Operating temperature range:
-10 to +60°C
1
-20 to +70°C
2
-30 to +80°C
3
Other values
specify
Storage temperature range:
-40 to +85°C
Circuit condition:
9pF
N
12pF
B
16pF
D
18pF
E
20pF
F
Other values
specify
Oscillation mode:
Fundamental
F
Equivalent series resistance:
40
max
Frequency perturbation:
±1ppm max
Ageing:
±1ppm max first year
Test drive level:
10µW
Soldering condition:
260°C, 10 sec x2 max




Html 페이지

1  2 


데이터시트



관련 부품명

부품명상세내용Html View제조사
GSX323SM crystal for Bluetooth / wireless 1 2 Golledge Electronics Ltd
GSX333SM crystal for Bluetooth / Wireless 1 2 Golledge Electronics Ltd
GSX433SM Crystal for Bluetooth / Wireless 1 2 Golledge Electronics Ltd
DLBM-CA120A Class 2 Bluetooth module suitable for wireless Audio applications. 16 64Kbit EEPROM 1 2 3 4 5 MoreDelta Electronics, Inc.
SM5610IC for Quartz Crystal Oscillating Module 1 2 3 4 5 MoreNippon Precision Circuits Inc
DS005AKCSingle-Panel Liquid Crystal Optical Engine for Rear Projectors 1 2 3 4 5 MoreSony Corporation
ACM1604CSPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY 1 2 3 4 5 MoreAZ Displays
AGM3224KSPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY 1 2 3 4 5 MoreAZ Displays
HD66108 RAM-Provided 165-Channel LCD Driver for Liquid Crystal Dot Matrix Graphics 1 2 3 4 5 MoreHitachi Semiconductor
AN5372SIC for Liquid Crystal Color TV 1 Panasonic Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl