전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMP250L-02 데이터시트(PDF) 1 Page - YEONHO ELECTRONICS

부품명 SMP250L-02
상세설명  2.50mm PITCH CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YEONHO [YEONHO ELECTRONICS]
홈페이지  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS

SMP250L-02 데이터시트(HTML) 1 Page - YEONHO ELECTRONICS

  SMP250L-02 Datasheet HTML 1Page - YEONHO ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.50mm (0.098")PITCHCONNECTOR
I/NO
TITLE
DESCRIPTION
MATERIAL
1
SMP250L-NN
PLUG
PA66, UL94 V Grade
PARTS NO.
DIM. A
DIM. C
DIM. B
Material
SMP250L Series
Wire-to-Wire
Plug
ITEM
SPEC
Contact Resistance
Current Rating
Operating Temperature
Voltage Rating
AC/DC 250V
30mΩ MAX
Withstanding Voltage
AC1000V/1min
Insulation Resistance
1000MΩ MIN
Applicable P.C.B
-
Applicable Wire
AWG #22~#28
Applicable FPC/FFC
-
-
Solder Height
Crimp Tensile Strength
-
UL FILE NO
-
AC/DC 3A
-25℃~+85℃
Specification
Available Pin
SMP250L-12
SMP250L-11
SMP250L-14
SMP250L-15
SMP250L-13
37.8
40.3
38.2
35.7
32.8
30.3
35.3
30.7
33.2
28.2
35.0
32.5
27.5
30.0
25.0
SMP250L-10
SMP250L-09
SMP250L-08
SMP250L-07
SMP250L-06
SMP250L-05
SMP250L-02
SMP250L-03
SMP250L-04
10.0
13.2
15.3
25.3
22.8
27.8
23.2
25.7
20.7
20.3
17.8
15.7
18.2
20.0
22.5
17.5
12.5
15.0
5.7
7.8
10.3
12.8
10.7
8.2
2.5
7.5
5.0
Application Terminal : SMT025 (149 page)
AWG : #22 ~ #28
TERMINAL ASSEMBLY DRAWING
A
B
4.2
6.0
2.5 (PITCH)
C


유사한 부품 번호 - SMP250L-02

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SMP253 ETC-SMP253 Datasheet
47Kb / 2P
   EMI suppressor, class Y2, metallized paper SMD
logo
Kemet Corporation
SMP253 KEMET-SMP253 Datasheet
1Mb / 8P
   Impregnated Metallized Paper EMI Suppression Capacitors SMP253, Class Y2, 250 VAC Surface Mount Device
11/2/2020
logo
List of Unclassifed Man...
SMP253A4390M ETC-SMP253A4390M Datasheet
47Kb / 2P
   EMI suppressor, class Y2, metallized paper SMD
SMP253MA4100M ETC-SMP253MA4100M Datasheet
47Kb / 2P
   EMI suppressor, class Y2, metallized paper SMD
logo
Kemet Corporation
SMP253MA4100MBULK KEMET-SMP253MA4100MBULK Datasheet
81Kb / 1P
   SMP253/P101, Film, Metallized Paper, Safety, 1000 pF, 20%, 250 VAC, 250 VDC, 100째C, 5045, 6.5mm
More results

유사한 설명 - SMP250L-02

제조업체부품명데이터시트상세설명
logo
YEONHO ELECTRONICS
25045HP YEONHO-25045HP Datasheet
240Kb / 1P
   2.50mm PITCH CONNECTOR
25048HS YEONHO-25048HS Datasheet
231Kb / 1P
   2.50mm PITCH CONNECTOR
YH025 YEONHO-YH025 Datasheet
203Kb / 1P
   2.50mm PITCH CONNECTOR
SMH250 YEONHO-SMH250 Datasheet
211Kb / 1P
   2.50mm PITCH CONNECTOR
SMAW250-NNV YEONHO-SMAW250-NNV Datasheet
257Kb / 1P
   2.50mm PITCH CONNECTOR
SMW250 YEONHO-SMW250 Datasheet
237Kb / 1P
   2.50mm PITCH CONNECTOR
BMH250-NNS YEONHO-BMH250-NNS Datasheet
405Kb / 1P
   2.50mm PITCH CONNECTOR
YST025 YEONHO-YST025 Datasheet
143Kb / 1P
   2.50mm PITCH CONNECTOR
SMW250-NNV YEONHO-SMW250-NNV Datasheet
250Kb / 1P
   2.50mm PITCH CONNECTOR
YMAW025 YEONHO-YMAW025 Datasheet
220Kb / 1P
   2.50mm PITCH CONNECTOR
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com