전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSX-751111DF 데이터시트(Datasheet) 1 Page - Golledge Electronics Ltd

부품명 GSX-751111DF
상세내용  SM Crystal Metal Lid
PDF  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo 

   
 1 page
background image
0 to +50°C
-10 to +60°C
-20 to +70°C
-30 to +80°C
-40 to +85°C
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
SM Crystal - Metal Lid
GSX-751
01 Jul 2004
ACTUAL SIZE
7.20
(max)
5.20
(max)
1.50
(max)
SOLDER PAD LAYOUT
2.54
1.00
1.20
4.60
1.40
1.10
1.40
2.20 4.10 2.20
TOP VIEW
6.40
4.60
PAD
1
2
3
4
CONNECTION
Crystal
Ground & lid
Crystal
Ground & lid
12
43
1
2
43
Features
« Metal lid can be grounded to minimise EMI
« Seam seal for excellent long-term stability
« Frequencies up to 160MHz
« Tight specifications available
Standard Frequencies
Product name + option codes + frequency
eg:
GSX-751/111DF 14.31818MHz 10/10/10/16-F
GSX-751/LP2S 36.0MHz 05/15/20/SR-3
Option code X (eg GSX-751/X) denotes a custom specification.
Ordering Information
Fundamental in MHz
3rd Overtone
GSX-751
Option
Codes
Product
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Scale 2:1
10.000000
11.059200
12.000000
14.318180
14.745600
15.000000
16.000000
16.000312
16.588800
18.432000
19.660800
20.000000
24.000000
24.000140
24.576000
25.000000
29.491200
30.000000
32.000000
33.868800
35.251200
36.000000
40.000000
36.000000
40.000000
40.320000
50.000000
64.000000
66.666000
Specifications
Available on T&R - 3k pcs per reel.
Refer to our website for T&R and soldering details.
Temperature Stability
The table shows available combinations of stability (in ppm)
and temperature range.
±20
±15
-
±10
-
-
±7.5
-
-
±5
-
-
-
Frequency range:
8.0 ~ 160MHz
Calibration tolerance:
±5ppm
L
±7.5ppm
M
±10ppm
1
±20ppm
2
Other values
specify
Temperature stability:
±5ppm
L
±7.5ppm
M
±10ppm
1
±15ppm
P
±20ppm
2
Other values
specify
Operating temperature range:
0 to +50°C
0
-10 to +60°C
1
-20 to +70°C
2
-30 to +80°C
3
-40 to +85°C
4
Other values
specify
Circuit condition:
12pF
B
16pF
D
18pF
E
20pF
F
30pF
J
Series resonant
S
Other values
specify
Oscillation mode:
Fundamental (8.0 ~ 40.0MHz)
F
3rd overtone (30.0 ~ 100MHz)
3
5th overtone (90.0 ~ 160MHz)
5
Static capacitance (C0): 7pF max
Equivalent series resistance (max):
60
(8.0 ~ 9.9MHz)
40
(10.0 ~ 14.9MHz)
30
(15.0 ~ 40.0MHz, fund)
80
(30.0 ~ 100.0MHz, 3rd OT)
120
(90.0 ~ 160MHz, 5th OT)
Ageing:
±3ppm max first year
±1ppm max first year
specify
Test drive level:
100µW
Soldering condition:
240°C, 10 sec x2 max




Html 페이지

1 


데이터시트



관련 부품명

부품명상세내용Html View제조사
GSX331SM Crystal Metal Lid 1 Golledge Electronics Ltd
GSX531SM Crystal Metal Lid 1 Golledge Electronics Ltd
GSX641SM Crystal Metal Lid 1 Golledge Electronics Ltd
GSX431SM Crystal Mtal Lid 1 Golledge Electronics Ltd
GSX532SM Crystal Ceramic Lid 1 Golledge Electronics Ltd
GSX642SM Crystal ceramic Lid 1 Golledge Electronics Ltd
GSX752SM Crystal Ceramic Lid 1 Golledge Electronics Ltd
GSX852SM Crystal Ceramic Lid 1 Golledge Electronics Ltd
SM5021Crystal Oscillator Module ICs 1 2 3 4 5 MoreNippon Precision Circuits Inc
M4TXX-BR12SHTIMEKEEPER SNAPHAT Battery & Crystal 1 2 3 4 5 MoreSTMicroelectronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl