전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GSX-752 데이터시트(Datasheet) 1 Page - Golledge Electronics Ltd

부품명 GSX-752
상세내용  SM Crystal Ceramic Lid
PDF  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  GOLLEDGE [Golledge Electronics Ltd]
홈페이지  http://www.golledge.com
Logo 

   
 1 page
background image
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
SM Crystal - Ceramic Lid
GSX-752
10 Jul 2003
ACTUAL SIZE
7.15
(max)
5.15
(max)
1.60
(max)
2.00
4.50
SOLDER PAD LAYOUT
3.00
2.25 3.50 2.25
TOP VIEW
GSX-752A
1.40
1.14
1.40
1.60 4.20 1.60
TOP VIEW
7.15
(max)
5.15
(max)
1.60
(max)
2.54
4.60
SOLDER PAD LAYOUT
GSX-752B
12
43
1
4
2
3
Features
« Ceramic body & lid
« Glass seal for best price / performance
« Ultra-miniature for maximum space saving
« Low cost for volume applications
Product name + variant + option codes + frequency
eg:
GSX-752A/551EF 16.0MHz 50/50/10/18-F
GSX-752B/5C4S3 48.0MHz 50/100/40/S-3
Option code X (eg GSX-752B/X) denotes a custom specification.
Ordering Information
Scale 2:1
±30ppm temperature stability may not be available over -40+85°C.
Check with our sales office before ordering.
Available on T&R - 1k pcs per reel.
Refer to our website for T&R and soldering details.
Variant
AB
Option
Codes
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Specifications
GSX-752A: 2 pads
GSX-752B: 4 corner pads
Package:
GSX-752A
GSX-752B
Frequency range: 6.0 ~ 60.0MHz
Calibration tolerance:
±30ppm
3
±50ppm
5
Other values (±20ppm ~ ±100ppm)
specify
Temperature stability:
±30ppm
3
±50ppm
5
±100ppm
C
Other values (±20ppm ~ ±100ppm)
specify
Operating temperature range:
-10 to +60°C
1
-20 to +70°C
2
-30 to +80°C
3
-40 to +85°C
4
Other values
specify
Storage temperature range:
-40 to +90°C
Circuit condition:
12pF
B
16pF
D
18pF
E
20pF
F
30pF
J
Series resonant
S
Other values
specify
Oscillation mode:
Fundamental (6.0 ~ 40.0MHz)
F
3rd overtone (30.0 ~ 60.0MHz)
3
Static capacitance (C0): 7pF max
Equivalent series resistance (max):
80
(6.0 ~ <10.0MHz)
60
(10.0 ~ <16.0MHz)
50
(16.0 ~ 40.0MHz, fundamental)
80
(30.0 ~ 60.0MHz, 3rd OT)
Ageing:
±3ppm max first year
Test drive level:
100µW
Soldering condition:
235°C, 10 sec max




Html 페이지

1 


데이터시트



관련 부품명

부품명상세내용Html View제조사
GSX532SM Crystal Ceramic Lid 1 Golledge Electronics Ltd
GSX642SM Crystal ceramic Lid 1 Golledge Electronics Ltd
GSX852SM Crystal Ceramic Lid 1 Golledge Electronics Ltd
SN74LVC1404OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR 1 2 3 4 5 MoreTexas Instruments
GSX331SM Crystal Metal Lid 1 Golledge Electronics Ltd
GSX431SM Crystal Mtal Lid 1 Golledge Electronics Ltd
GSX531SM Crystal Metal Lid 1 Golledge Electronics Ltd
GSX641SM Crystal Metal Lid 1 Golledge Electronics Ltd
GSX751SM Crystal Metal Lid 1 Golledge Electronics Ltd
FX252BCERAMIC SMD CRYSTAL 1 List of Unclassifed Manufacturers

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl