전자부품 데이터시트 검색엔진 |
|
SA10CA 데이터시트(PDF) 1 Page - Pan Jit International Inc. |
|
SA10CA 데이터시트(HTML) 1 Page - Pan Jit International Inc. |
1 / 6 page SA5.0 THRU SA170CA GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power FEATURES l Plastic package has Underwriters Laboratory Flammability Classification 94V-O l Glass passivated chip junction l 500W Peak Pulse Power capability on 10/1000 £gS waveform l Excellent clamping capability l Repetition rate(duty cycle): 0.01% l Low incremental surge resistance l Fast response time: typically less than 1.0 ps from 0 volts to BV for unidirectional and 5.0ns for bidirectional types l Typical ID less than 1 £gA above 10V l High temperature soldering guaranteed: 300 ¢J /10 seconds/.375”,(9.5mm) lead length/5lbs., (2.3kg) tension MECHANICAL DATA Case: JEDEC DO-15 molded plastic over passivated junction Terminals: Plated Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denoteds positive end(cathode) except Bidirectionals Mounting Position: Any Weight: 0.015 ounce, 0.4 gram DEVICES FOR BIPOLAR APPLICATIONS For Bidirectional use C or CA Suffix for types Electrical characteristics apply in both directions. MAXIMUM RATINGS AND CHARACTERISTICS Ratings at 25 ¢J ambient temperature unless otherwise specified. RATING SYMBOL VALUE UNITS Peak Pulse Power Dissipation on 10/1000 £g S waveform (Note 1, FIG.1) PPPM Minimum 500 Watts Peak Pulse Current of on 10/1000 £gS waveform (Note 1, FIG.3) IPPM SEE TABLE 1 Amps Steady State Power Dissipation at TL=75 ¢J Lead Lengths .375”,(9.5mm) (Note 2) PM(AV) 1.0 Watts Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Superimposed on Rated Load, Unidirectional only (JECED Method) (Note 3) IFSM 70 Amps Operating Junction and Storage Temperature Range TJ,TSTG -65 to +175 ¢J NOTES: 1.Non-repetitive current pulse, per Fig. 3 and derated above TA=25 ¢J per Fig. 2. 2.Mounted on Copper Leaf area of 1.57in 2(40mm2) PER Figure 5. 3.8.3ms single half sine-wave or equivalent square wave, Duty cycle= 4 pulses per minute maximum. DO-15 |
유사한 부품 번호 - SA10CA |
|
유사한 설명 - SA10CA |