전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAP50-02 데이터시트(PDF) 2 Page - E-Tech Electronics LTD

부품명 BAP50-02
상세설명  General purpose PIN diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETL [E-Tech Electronics LTD]
홈페이지  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

BAP50-02 데이터시트(HTML) 2 Page - E-Tech Electronics LTD

  BAP50-02 Datasheet HTML 1Page - E-Tech Electronics LTD BAP50-02 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S23–2/2
BAP50-02
10 3
10 2
10
1
04
8
12
16
20
I F (mA )
600
400
200
0
10 -1
1
10
10 2
V R ( V )
f = 100 MHz; T
j =25°C
f = 1 MHz; T
j =25°C
ELECTRICAL CHARACTERISTICS T j = 25°C unless otherwise specified. (Continue)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX.
UNIT
τ
L
charge carrier life time
when switched from I F =10 mA to
1.05
µs
I R = 6 mA; R L = 100
Ω;
measured at I R =3 mA
L S
series inductance
I F = 100 mA; f = 100 MHz
0.6
nH
Note
1. Guaranteed on AQL basis: inspection level S4, AQL 1.0.
THERMALCHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering-point
85
K/W
0
-5
-10
-15
-20
-25
f (GHz )
0
-1
-2
-3
-4
-5
0.5
1
1.5
2
2.5
3
f (GHz )
Fig.1 Forward resistance as a function of
forward current; typical values.
Fig.2 Diode capacitance as a function of
reverse voltage; typical values.
0.5
1
1.5
2
2.5
3
I
F =10 mA.
I
F = 1 mA.
I
F = 0.5 mA.
Fig.3 Insertion loss ( |s
21|
2 )of the diode in on-state
as a function of frequency; typical values.
Diode inserted in series with a 50
Ω stripline circuit and
biased via the analyzer Tee network.
Tamb =25°C.
Fig.4 Isolation ( |s
21|
2 ) of the diode in off-state as a
function of frequency; typical values.
Diode zero biased and inserted in
series with a 50
Ω stripline circuit.
Tamb =25°C.


유사한 부품 번호 - BAP50-02

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
BAP50-02 LRC-BAP50-02 Datasheet
104Kb / 2P
   General purpose PIN diode
logo
NXP Semiconductors
BAP50-02 PHILIPS-BAP50-02 Datasheet
63Kb / 8P
   General purpose PIN diode
Rev. 02-3 January 2008
BAP50-02 NXP-BAP50-02 Datasheet
237Kb / 7P
   General purpose PIN diode
Rev. 02-3 January 2008
BAP50-02 NXP-BAP50-02 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BAP50-02 NXP-BAP50-02 Datasheet
168Kb / 9P
   Silicon PIN diode
Rev. 3.1 - 8 February 2019
More results

유사한 설명 - BAP50-02

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAP51-04W PHILIPS-BAP51-04W Datasheet
84Kb / 7P
   GENERAL PURPOSE PIN DIODE
2002 Feb 19
logo
E-Tech Electronics LTD
BAP51-02 ETL-BAP51-02 Datasheet
165Kb / 2P
   General purpose PIN diode
logo
NXP Semiconductors
BAP51-03 PHILIPS-BAP51-03 Datasheet
57Kb / 8P
   General purpose PIN diode
1999 May 10
BAP50-03 PHILIPS-BAP50-03 Datasheet
60Kb / 8P
   General purpose PIN diode
1999 May 10
BAP51-05W PHILIPS-BAP51-05W Datasheet
58Kb / 8P
   General purpose PIN diode
2001 Jan 23
BAP51-02 PHILIPS-BAP51-02 Datasheet
60Kb / 8P
   General purpose PIN diode
2000 Jul 06
logo
Guangdong Kexin Industr...
KAP50-03 KEXIN-KAP50-03 Datasheet
57Kb / 2P
   General Purpose PIN Diode
logo
NXP Semiconductors
BAP51-06W NXP-BAP51-06W Datasheet
57Kb / 8P
   General purpose PIN diode
Rev. 01-26 May 2008
BAP51-02 PHILIPS-BAP51-02_99 Datasheet
83Kb / 6P
   General purpose PIN diode
1999 Jun 28
logo
Jiangsu Changjiang Elec...
BAP50-03 JIANGSU-BAP50-03 Datasheet
599Kb / 4P
   GENERAL PURPOSE PIN DIODE
logo
Quanzhou Jinmei Electro...
BAP51-04W_N_2015 JMNIC-BAP51-04W_N_2015 Datasheet
89Kb / 7P
   General purpose PIN diode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com