전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM1068ACP-REEL7 데이터시트(PDF) 6 Page - Analog Devices

부품명 ADM1068ACP-REEL7
상세설명  Super Sequencer??and Monitor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM1068ACP-REEL7 데이터시트(HTML) 6 Page - Analog Devices

Back Button ADM1068ACP-REEL7 Datasheet HTML 2Page - Analog Devices ADM1068ACP-REEL7 Datasheet HTML 3Page - Analog Devices ADM1068ACP-REEL7 Datasheet HTML 4Page - Analog Devices ADM1068ACP-REEL7 Datasheet HTML 5Page - Analog Devices ADM1068ACP-REEL7 Datasheet HTML 6Page - Analog Devices ADM1068ACP-REEL7 Datasheet HTML 7Page - Analog Devices ADM1068ACP-REEL7 Datasheet HTML 8Page - Analog Devices ADM1068ACP-REEL7 Datasheet HTML 9Page - Analog Devices ADM1068ACP-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADM1068
Preliminary Technical Data
Rev. PrB | Page 6 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
24
25
32
8
9
17
16
VX1
VX2
VX3
VX4
VP1
VP2
VP3
VH
PDO1
PDO2
PDO3
PDO4
PDO5
PDO6
PDO7
PDO8
NC = NO CONNECT
PIN 1
INDICATOR
ADM1068
TOP VIEW
(Not to Scale)
Figure 3. LQFP Pin Configuration
Table 2. Pin Function Descriptions
Pin No.
Mnemonic
Description
11, 13-16
NC
No connection.
1–4
VX1–4
High Impedance Inputs to Supply Fault Detectors. Fault thresholds can be set from 0.573 V to 1.375 V.
Alternatively, these pins can be used as general-purpose digital inputs.
5–7
VP1–3
Low Voltage Inputs to Supply Fault Detectors. Three input ranges can be set by altering the input attenuation
on a potential divider connected to these pins, the output of which connects to a supply fault detector. These
pins allow thresholds from 2.5 V to 6.0 V, 1.25 V to 3.00 V, and 0.573 V to 1.375 V.
8
VH
High Voltage Input to Supply Fault Detectors. Three input ranges can be set by altering the input attenuation
on a potential divider connected to this pin, the output of which connects to a supply fault detector. This pin
allows thresholds from 6.0 V to 14.4 V and 2.5 V to 6.0 V.
9
AGND
Ground Return for Input Attenuators.
10
REFGND
Ground Return for On-Chip Reference Circuits.
12
REFOUT
2.048 V Reference Output.
17-24
PDO8–1
Programmable Output Drivers.
25
PDOGND
Ground Return for Output Drivers.
26
VCCP
Central Charge-Pump Voltage of 5.25 V. A reservoir capacitor must be connected between this pin and GND.
27
A0
Logic Input. This pin sets the seventh bit of the SMBus interface address.
28
A1
Logic Input. This pin sets the sixth bit of the SMBus interface address.
29
SCL
SMBus Clock Pin. Open-drain output requires external resistive pull-up.
30
SDA
SMBus Data I/O Pin. Open-drain output requires external resistive pull-up.
31
VDDCAP
Device Supply Voltage. Linearly regulated from the highest of the VP1–3, VH pins to a typical of 4.75 V.
32
GND
Supply Ground.


유사한 부품 번호 - ADM1068ACP-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
More results

유사한 설명 - ADM1068ACP-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
   Super Sequencer and Monitor
Rev. D
ADM1065 AD-ADM1065 Datasheet
664Kb / 28P
   Super Sequencer-TM and Monitor
REV. 0
ADM1168 AD-ADM1168 Datasheet
402Kb / 28P
   Super Sequencer and Monitor with Nonvolatile Fault Recording
REV. 0
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
   PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
   PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com