전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMT8410T46L 데이터시트(PDF) 6 Page - ANADIGICS, Inc

부품명 AMT8410T46L
상세설명  2.5 Gb/s 1310/1550nm PIN-TIA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANADIGICS [ANADIGICS, Inc]
홈페이지  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8410T46L 데이터시트(HTML) 6 Page - ANADIGICS, Inc

  AMT8410T46L Datasheet HTML 1Page - ANADIGICS, Inc AMT8410T46L Datasheet HTML 2Page - ANADIGICS, Inc AMT8410T46L Datasheet HTML 3Page - ANADIGICS, Inc AMT8410T46L Datasheet HTML 4Page - ANADIGICS, Inc AMT8410T46L Datasheet HTML 5Page - ANADIGICS, Inc AMT8410T46L Datasheet HTML 6Page - ANADIGICS, Inc AMT8410T46L Datasheet HTML 7Page - ANADIGICS, Inc AMT8410T46L Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
PRELIMINARY DATA SHEET - Rev 1.1
09/2002
AMT8410
VOUT
VOUT
DUT
0.1uF
0.1uF
0.1uF
V DD
Figure 12: DUT Test Fixture Schematic


유사한 부품 번호 - AMT8410T46L

제조업체부품명데이터시트상세설명
logo
ANADIGICS, Inc
AMT8412 ANADIGICS-AMT8412 Datasheet
220Kb / 4P
   2.5 Gb/s 1310/1550nm PIN-TIA
AMT8412T46L4 ANADIGICS-AMT8412T46L4 Datasheet
220Kb / 4P
   2.5 Gb/s 1310/1550nm PIN-TIA
AMT8412T46L5 ANADIGICS-AMT8412T46L5 Datasheet
220Kb / 4P
   2.5 Gb/s 1310/1550nm PIN-TIA
More results

유사한 설명 - AMT8410T46L

제조업체부품명데이터시트상세설명
logo
ANADIGICS, Inc
AMT8412 ANADIGICS-AMT8412 Datasheet
220Kb / 4P
   2.5 Gb/s 1310/1550nm PIN-TIA
AMT8630 ANADIGICS-AMT8630 Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
AMT8650 ANADIGICS-AMT8650 Datasheet
161Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT121302 ANADIGICS-AMT121302 Datasheet
594Kb / 12P
   1.25Gb/s 1310/1550nm PIN-TIA
AMT8310 ANADIGICS-AMT8310 Datasheet
270Kb / 8P
   2.5 Gb/s 850 nm PIN-TIA
AMT8312 ANADIGICS-AMT8312 Datasheet
242Kb / 8P
   2.5 Gb/s 850 nm PIN-TIA
logo
List of Unclassifed Man...
XPD0250CT-003 ETC2-XPD0250CT-003 Datasheet
307Kb / 4P
   2.5 Gbps PIN-TIA module
logo
Ericsson
PGR20301 ERICSSON-PGR20301 Datasheet
342Kb / 4P
   PIN Receiver Module for 2.5 Gb/s
logo
ANADIGICS, Inc
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
   10 Gb/s High Overload TIA
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com