전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL432B 데이터시트(PDF) 4 Page - AUK corp

부품명 SL432B
상세설명  Programmable Voltage Reference
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AUK [AUK corp]
홈페이지  https:www.auk.co.kr
Logo AUK - AUK corp

SL432B 데이터시트(HTML) 4 Page - AUK corp

  SL432B Datasheet HTML 1Page - AUK corp SL432B Datasheet HTML 2Page - AUK corp SL432B Datasheet HTML 3Page - AUK corp SL432B Datasheet HTML 4Page - AUK corp SL432B Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KSD-I0A001-002
4
SL432x
Electrical Characteristics Curves (Continue)
Cathode Voltage VKA [V]
0.0
20
0.1
0.3
0.2
0
16
8
0.4
12
4
Vref=0V, Ta=25°C
2.0
0
0
0.5
1.0
300
50
-0.5
-1
1.5
250
200
-50
150
100
-10
Fig.4 IK vs VKA (1)
Fig.5 IK vs VKA (2)
Fig.6 I K(off) vs VKA
I
20
1.5
10
-10
1.0
0
Cathode Voltage VKA [V]
2.0
0.5
-0.5
-1
0
30
VKA=Vref
Ta=25°C
Cathode Voltage VKA [V]
VKA=Vref
Ta=25°C
Fig.8 Vref vs Ta
50
0
1.30
-25
1.26
75
25
100
1.28
1.22
1.24
1.20
-50
Ambient Temperature Ta [˚C]
VKA=Vref , IK=10mA
Vref(min)
Vref(typ)
Vref(max)
Fig.7 ΔVref/ΔVKA vs Ta
50
0
0.0
-25
-0.2
75
25
100
-0.1
-0.4
-0.3
-0.5
-50
Ambient Temperature Ta [˚C]
Vref ≤ VKA ≤ 16V, IK=10mA
Fig.9 PD vs Ta
Ambient Temperature Ta [˚C]
100
50
25
125
75
150
0
0
1000
600
800
200
400


유사한 부품 번호 - SL432B

제조업체부품명데이터시트상세설명
logo
AUK corp
SL432BSF AUK-SL432BSF Datasheet
349Kb / 5P
   Programmable Voltage Reference
More results

유사한 설명 - SL432B

제조업체부품명데이터시트상세설명
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
logo
AUK corp
SL432XM AUK-SL432XM Datasheet
373Kb / 4P
   Programmable Voltage Reference
SL431XSF AUK-SL431XSF Datasheet
380Kb / 4P
   Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com