전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA6565 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 LA6565
상세설명  Five-Channel CD Actuator Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6565 데이터시트(HTML) 6 Page - Sanyo Semicon Device

  LA6565 Datasheet HTML 1Page - Sanyo Semicon Device LA6565 Datasheet HTML 2Page - Sanyo Semicon Device LA6565 Datasheet HTML 3Page - Sanyo Semicon Device LA6565 Datasheet HTML 4Page - Sanyo Semicon Device LA6565 Datasheet HTML 5Page - Sanyo Semicon Device LA6565 Datasheet HTML 6Page - Sanyo Semicon Device LA6565 Datasheet HTML 7Page - Sanyo Semicon Device LA6565 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
No.7817-6/8
LA6565
Pin No.
Pin Name
Pin Descriptions
1
FWD
Loading output direction switching (FWD). Loading system logic input.
2
REV
Loading output direction switching (REV). Loading system logic input.
3
VCC2
Channels 3, 4, and loading power stage power supply
4
VLO
Loading output (–)
5
VLO+
Loading output (+)
6
VO4+
Channel 4 output (+)
7
VO4–
Channel 4 output (–)
8
VO3+
Channel 3 output (+)
9
VO3
Channel 3 output (–)
10
VO2+
Channel 2 output (+)
11
VO2
Channel 2 output (–)
12
VO1
Channel 1 output (–)
13
VO1+
Channel 1 output (+)
14
VCCP1
Channels 1 and 2 power stage power supply
15
VCCS
Signal system power supply
16
VIN1+
Channel 1 input. Input operational amplifier + input.
17
VIN1
Channel 1 input. Input operational amplifier – input.
18
VIN1
Channel 1 input. Input operational amplifier output.
19
VIN2+
Channel 2 input. Input operational amplifier + input.
20
VIN2
Channel 2 input. Input operational amplifier – input.
21
VIN2
Channel 2 input. Input operational amplifier output.
22
VIN3–
Channel 3 input. Input operational amplifier – input.
23
VIN3
Channel 3 input. Input operational amplifier output.
24
VO_OP
Operational amplifier output
25
VIN-OP
Operational amplifier – input
26
VIN+OP
Operational amplifier + input
27
REG_IN
Regulator error amplifier output. Connect this pin to the base of the external pnp transistor.
28
REG_OUT
Regulator error amplifier input (+).
29
VREF_OUT
VREF amplifier (voltage follower) output.
30
VREF_IN
VREF input. Apply the external reference voltage to this pin.
31
VIN4
Channel 4 input. Input operational amplifier output.
32
VIN4
Channel 4 input. Input operational amplifier – input.
33
MUTE234
Controls the on/off state of channels 2, 3, and 4.
34
MUTE1
Channel 1 output on/off control
35
VCONT
Loading block output high-level voltage setting
36
S_GND
Signal system ground
Pin Functions


유사한 부품 번호 - LA6565

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6565 SANYO-LA6565 Datasheet
122Kb / 8P
   For CD and DVD players 5-channel Driver (BTL:4ch,H-bridge:1ch)
LA6565VR SANYO-LA6565VR Datasheet
95Kb / 9P
   Monolithic Linear IC Five-Channel CD Actuator Driver (BTL: 4 channels, H bridge: 1 channel)
LA6565 SANYO-LA6565_09 Datasheet
122Kb / 8P
   For CD and DVD players 5-channel Driver (BTL:4ch,H-bridge:1ch)
More results

유사한 설명 - LA6565

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6565VR SANYO-LA6565VR Datasheet
95Kb / 9P
   Monolithic Linear IC Five-Channel CD Actuator Driver (BTL: 4 channels, H bridge: 1 channel)
LA6557H SANYO-LA6557H Datasheet
67Kb / 8P
   Five-Channel Bridge Driver for MD and CD Players
logo
STMicroelectronics
TDA7278 STMICROELECTRONICS-TDA7278 Datasheet
142Kb / 15P
   HIGH-EFFICIENCY CD ACTUATOR DRIVER
logo
Sanyo Semicon Device
LB8107M SANYO-LB8107M Datasheet
242Kb / 10P
   Portable CD Player Actuator Driver
LA6574D SANYO-LA6574D Datasheet
79Kb / 8P
   Five-Channel Driver
LA6560 SANYO-LA6560 Datasheet
105Kb / 9P
   Five-Channel Driver
logo
Sony Corporation
CXA2680ER SONY-CXA2680ER Datasheet
52Kb / 2P
   Five-Channel Dual CD/DVD Laser Driver for Ultra Combo Drives
logo
Sanyo Semicon Device
LB8108M SANYO-LB8108M Datasheet
282Kb / 12P
   Actuator Driver for Portable CD Players?
logo
LSI Computer Systems
BH6526FV LSI-BH6526FV Datasheet
179Kb / 2P
   Actuator/Motor Driver for CD-ROM
logo
Sanyo Semicon Device
LB8106M SANYO-LB8106M Datasheet
215Kb / 10P
   Actuator Driver for Portable CD Players
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com