전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSL1301 데이터시트(PDF) 4 Page - Texas Instruments

부품명 TSL1301
상세설명  102 횞 1 LINEAR SENSOR ARRAY WITH HOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TSL1301 데이터시트(HTML) 4 Page - Texas Instruments

  TSL1301 Datasheet HTML 1Page - Texas Instruments TSL1301 Datasheet HTML 2Page - Texas Instruments TSL1301 Datasheet HTML 3Page - Texas Instruments TSL1301 Datasheet HTML 4Page - Texas Instruments TSL1301 Datasheet HTML 5Page - Texas Instruments TSL1301 Datasheet HTML 6Page - Texas Instruments TSL1301 Datasheet HTML 7Page - Texas Instruments TSL1301 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TSL1301
102
× 1 LINEAR SENSOR ARRAY
WITH HOLD
SOES031A – NOVEMBER 1996 – REVISED MAY 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at fclock = 200 kHz, VDD = 5 V, TA = 25°C, λp = 565 nm, tint = 5 ms,
RL = 330 Ω, Ee = 800 nW/cm2 (unless otherwise noted) (see Note 2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog output voltage (white, average over 102 pixels)
1.8
2
2.2
V
Analog output voltage (dark, average over 102 pixels)
Ee = 0
0
0.3
0.4
V
PRNU
Pixel response nonuniformity
Pixels 2–101,
See Note 3
±10%
Nonlinearity of analog output voltage
See Note 4
±0.5%
Output noise voltage
Ee = 0,
See Note 5
3
mVrms
Saturation exposure
VDD = 4.5 V
5.45
7
nJ/cm2
Analog output saturation voltage
VDD = 4.5 V,
RL = 330 Ω
3
3.5
V
DSNU
Dark signal nonuniformity
All pixels,
See Note 6
Ee = 0
0.04
0.12
V
IL
Image lag
See Note 7
1%
IDD
Supply current
RL = 330 Ω
2.5
4
mA
IIH
High-level input current
VI = VDD
10
µA
IIL
Low-level input current
VI = 0
10
µA
Ci
Input capacitance
5
pF
NOTES:
2. Clock duty cycle is assumed to be 50%.
3. PRNU is the maximum difference between the voltage from any single pixel and the average output voltage from all pixels of the
device under test when the array is uniformly illuminated.
4. Nonlinearity is defined as the maximum deviation from a best-fit straight line over the dark-to-white irradiance levels, as a percent
of analog output voltage (white).
5. RMS noise is the standard deviation of a single-pixel output under constant illumination as observed over a 5-second period.
6. DNSU is the difference between the maximum and minimum of dark-current voltage.
7. Image lag is a residual signal left in a pixel from a previous exposure. It is defined as a percent of white-level signal remaining after
a pixel is exposed to a white condition followed by a dark condition:
IL
+
V
AO
–V
AO(dark)
V
AO(white) *
VAO(dark)
100


유사한 부품 번호 - TSL1301

제조업체부품명데이터시트상세설명
logo
TEXAS ADVANCED OPTOELEC...
TSL13 TAOS-TSL13 Datasheet
214Kb / 14P
   LIGHT-TO-VOLTAGE CONVERTERS
logo
List of Unclassifed Man...
TSL1315 ETC-TSL1315 Datasheet
62Kb / 2P
   Inductors For Power Line Radial
TSL1315-100K5R1 ETC-TSL1315-100K5R1 Datasheet
62Kb / 2P
   Inductors For Power Line Radial
TSL1315-101K2R5 ETC-TSL1315-101K2R5 Datasheet
62Kb / 2P
   Inductors For Power Line Radial
TSL1315-102JR78 ETC-TSL1315-102JR78 Datasheet
62Kb / 2P
   Inductors For Power Line Radial
More results

유사한 설명 - TSL1301

제조업체부품명데이터시트상세설명
logo
TEXAS ADVANCED OPTOELEC...
TSL1412S TAOS-TSL1412S Datasheet
206Kb / 12P
   1536 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1401CS-LF TAOS-TSL1401CS-LF Datasheet
258Kb / 18P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1401CS AMSCO-TSL1401CS Datasheet
686Kb / 19P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL1410R TAOS-TSL1410R Datasheet
205Kb / 12P
   1280 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSL1401CL ETC2-TSL1401CL Datasheet
188Kb / 16P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL1401R-LF TAOS-TSL1401R-LF Datasheet
199Kb / 12P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1402R TAOS-TSL1402R Datasheet
226Kb / 14P
   256 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1406R TAOS-TSL1406R Datasheet
228Kb / 14P
   768 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSL1401R ETC-TSL1401R Datasheet
117Kb / 10P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSLW1401R TAOS-TSLW1401R Datasheet
125Kb / 10P
   EXTENDED TEMPERATURE 128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com