전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC1608 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 UC1608
상세설명  128COM x 240SEG Matrix LCD Controller-Driver
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

UC1608 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button UC1608 Datasheet HTML 4Page - List of Unclassifed Manufacturers UC1608 Datasheet HTML 5Page - List of Unclassifed Manufacturers UC1608 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC1608 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC1608 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC1608 Datasheet HTML 9Page - List of Unclassifed Manufacturers UC1608 Datasheet HTML 10Page - List of Unclassifed Manufacturers UC1608 Datasheet HTML 11Page - List of Unclassifed Manufacturers UC1608 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
UC1608
128x240 Matrix LCD Controller-Drivers
(Revision 0.52 Preview)
5
Name
Type
Pins
Description
HOST INTERFACE
BM[1:0]
I
Parallel/Serial.
4-bit bus modes: “LL”: 8080
“LH”: 6800
8-bit bus modes: “HL”: 8080
“HH”: 6800
CS
I
Chip Select. The chip is selected when CS=”H”. When the chip is not
selected, D[7:0] will be high impedance.
RST
I
When RST=”L”, all control registers are re-initialized by their default
states. Since UC1608 has built-in Power-ON-Reset and Software Reset
command, RST pin is not required for proper chip operation.
When RST pin is used, insert a 5~10K Ohm resistor to improve noise
filtering. When RST is not used, connect the pin to VDD.
CD
I
Select Command or Display Data for read/write operation.
”L”: Command
”H”: Display data
WR0
WR1
I
WR[1:0] controls the read/write operation of the host interface.
In parallel mode, WR[1:0] meaning depends on whether the interface is
in the 6800 mode or the 8080 mode.
D0~D7
I/O
Bi-directional bus for both serial and parallel host interfaces.
In 4-bit bus mode, connect unused pins to VDD or VSS.


유사한 부품 번호 - UC1608

제조업체부품명데이터시트상세설명
logo
ECM Electronics Limited...
UC1608 ECM-UC1608 Datasheet
102Kb / 5P
   Power Inductors
UC1608T-100 ECM-UC1608T-100 Datasheet
102Kb / 5P
   Power Inductors
UC1608T-101 ECM-UC1608T-101 Datasheet
102Kb / 5P
   Power Inductors
UC1608T-102 ECM-UC1608T-102 Datasheet
102Kb / 5P
   Power Inductors
UC1608T-150 ECM-UC1608T-150 Datasheet
102Kb / 5P
   Power Inductors
More results

유사한 설명 - UC1608

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
UC1606 ETC1-UC1606 Datasheet
877Kb / 46P
   65COM x 132SEG Matrix LCD Controller-Driver
logo
NXP Semiconductors
PCD8544 PHILIPS-PCD8544 Datasheet
154Kb / 32P
   48 x 84 pixels matrix LCD controller/driver
1999 Apr 12
logo
Sitronix Technology Co....
ST7522 SITRONIX-ST7522 Datasheet
633Kb / 45P
   17 x 96 Dot Matrix LCD Controller/Driver
ST7533 SITRONIX-ST7533 Datasheet
582Kb / 60P
   33 x 96 Dot Matrix LCD Controller/Driver
ST7545T SITRONIX-ST7545T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7548T SITRONIX-ST7548T Datasheet
1Mb / 50P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7033 SITRONIX-ST7033 Datasheet
441Kb / 39P
   4 x 96 Dot Matrix LCD Controller/Driver
ST7546T SITRONIX-ST7546T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
   65 x 102 Dot Matrix LCD Controller/Driver
ST7565P SITRONIX-ST7565P Datasheet
858Kb / 71P
   65 x 132 Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com