전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4007ID 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 1N4007ID
상세설명  Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1N4007ID 데이터시트(HTML) 4 Page - NXP Semiconductors

  1N4007ID Datasheet HTML 1Page - NXP Semiconductors 1N4007ID Datasheet HTML 2Page - NXP Semiconductors 1N4007ID Datasheet HTML 3Page - NXP Semiconductors 1N4007ID Datasheet HTML 4Page - NXP Semiconductors 1N4007ID Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1996 Jun 10
4
Philips Semiconductors
Product specification
Rectifiers
1N4001ID to 1N4007ID
GRAPHICAL DATA
Fig.2
Maximum forward current as a function of
ambient temperature.
handbook, halfpage
0
200
0
MBH386
0.5
1
1.5
100
Tamb (°C)
IF
(A)
Fig.3
Forward current as a function of forward
voltage; typical values.
handbook, halfpage
1.5
0
0.5
IF
(A)
10−1
1
10
MBH385
1
VF (V)
(2)
(1)
(3)
(1) Tamb = 100 °C.
(2) Tamb = 20 °C.
(3) Tamb = −50 °C.
Fig.4 Device mounted on a printed-circuit board.
handbook, halfpage
MGA200
3
2
7
50
25
50
Dimensions in mm.


유사한 부품 번호 - 1N4007ID

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
1N4007 PANJIT-1N4007 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4007 EIC-1N4007 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
logo
Pan Jit International I...
1N4007 PANJIT-1N4007 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007 MAKOSEMI-1N4007 Datasheet
97Kb / 2P
   1.0 AMP. Surface Mount Rectifiers
logo
Shenzhen Yixinwei Techn...
1N4007 YIXIN-1N4007 Datasheet
248Kb / 2P
   1.0 AMP SILICON RECTIFIERS
More results

유사한 설명 - 1N4007ID

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
1N2103 NJSEMI-1N2103 Datasheet
37Kb / 1P
   Rectifiers
logo
Microsemi Corporation
UES704 MICROSEMI-UES704 Datasheet
127Kb / 3P
   RECTIFIERS
UT236 MICROSEMI-UT236 Datasheet
136Kb / 3P
   RECTIFIERS
JAN1N5418 MICROSEMI-JAN1N5418 Datasheet
87Kb / 2P
   RECTIFIERS
logo
New Jersey Semi-Conduct...
UT234 NJSEMI-UT234 Datasheet
103Kb / 2P
   RECTIFIERS
logo
Microsemi Corporation
UES3005S MICROSEMI-UES3005S Datasheet
91Kb / 2P
   RECTIFIERS
UES4505C MICROSEMI-UES4505C Datasheet
90Kb / 2P
   RECTIFIERS
UTR10 MICROSEMI-UTR10 Datasheet
145Kb / 3P
   RECTIFIERS
UTR4405 MICROSEMI-UTR4405 Datasheet
157Kb / 3P
   RECTIFIERS
UES1501 MICROSEMI-UES1501 Datasheet
107Kb / 3P
   RECTIFIERS
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com