전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5225B 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 1N5225B
상세설명  Voltage regulator diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1N5225B 데이터시트(HTML) 3 Page - NXP Semiconductors

  1N5225B Datasheet HTML 1Page - NXP Semiconductors 1N5225B Datasheet HTML 2Page - NXP Semiconductors 1N5225B Datasheet HTML 3Page - NXP Semiconductors 1N5225B Datasheet HTML 4Page - NXP Semiconductors 1N5225B Datasheet HTML 5Page - NXP Semiconductors 1N5225B Datasheet HTML 6Page - NXP Semiconductors 1N5225B Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Per type
Tj =25 °C; unless otherwise specified.
TYPE No.
WORKING
VOLTAGE
VZ (V)(1)
at IZtest
DIFFERENTIAL
RESISTANCE
rdif (Ω)
at IZtest
TEMP. COEFF.
SZ (%/K)
at IZ(2)
TEST
CURRENT
IZtest (mA)
DIODE CAP.
Cd (pF)
at f = 1 MHz;
at VR =0V
REVERSE CURRENT
at REVERSE
VOLTAGE
NON-REPETITIVE PEAK
REVERSE CURRENT
IZSM (A)
tp = 100 µs; Tamb =25 °C
IR (µA)
VR
(V)
NOM.
MAX.
MAX.
MAX.
MAX.
MAX.
1N5225B
3.0
1600
−0.075
20
450
50
1.0
6.0
1N5226B
3.3
1600
−0.070
20
450
25
1.0
6.0
1N5227B
3.6
1700
−0.065
20
450
15
1.0
6.0
1N5228B
3.9
1900
−0.060
20
450
10
1.0
6.0
1N5229B
4.3
2000
±0.055
20
450
5
1.0
6.0
1N5230B
4.7
1900
±0.030
20
450
5
1.5
6.0
1N5231B
5.1
1600
±0.030
20
300
5
2.0
6.0
1N5232B
5.6
1600
+0.038
20
300
5
3.0
6.0
1N5233B
6.0
1600
+0.038
20
300
5
3.5
6.0
1N5234B
6.2
1000
+0.045
20
200
5
4.0
6.0
1N5235B
6.8
750
+0.050
20
200
3
5.0
6.0
1N5236B
7.5
500
+0.058
20
150
3
6.0
4.0
1N5237B
8.2
500
+0.062
20
150
3
6.5
4.0
1N5238B
8.7
600
+0.065
20
150
3
6.5
3.5
1N5239B
9.1
600
+0.068
20
150
3
7.0
3.0
1N5240B
10
600
+0.075
20
90
3
8.0
3.0
1N5241B
11
600
+0.076
20
85
2
8.4
2.5
1N5242B
12
600
+0.077
20
85
1
9.1
2.5
1N5243B
13
600
+0.079
9.5
80
0.5
9.9
2.5
1N5244B
14
600
+0.082
9.0
80
0.1
10.0
2.0
1N5245B
15
600
+0.082
8.5
75
0.1
11.0
2.0
1N5246B
16
600
+0.083
7.8
75
0.1
12.0
1.5
1N5247B
17
600
+0.084
7.4
75
0.1
13.0
1.5
1N5248B
18
600
+0.085
7.0
70
0.1
14.0
1.5
1N5249B
19
600
+0.086
6.6
70
0.1
14.0
1.5
1N5250B
20
600
+0.086
6.2
60
0.1
15.0
1.5


유사한 부품 번호 - 1N5225B

제조업체부품명데이터시트상세설명
logo
Tiger Electronic Co.,Lt...
1N5225B TGS-1N5225B Datasheet
264Kb / 3P
   Zener diode
logo
Vishay Siliconix
1N5225B VISHAY-1N5225B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Zibo Seno Electronic En...
1N5225B ZSELEC-1N5225B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
Fairchild Semiconductor
1N5225B FAIRCHILD-1N5225B Datasheet
193Kb / 4P
   Zeners
logo
Yea Shin Technology Co....
1N5225B YEASHIN-1N5225B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

유사한 설명 - 1N5225B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com