전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADXL330KCPZ 데이터시트(PDF) 14 Page - Analog Devices

부품명 ADXL330KCPZ
상세설명  Small, Low Power, 3-Axis 짹3 g i MEMS Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADXL330KCPZ 데이터시트(HTML) 14 Page - Analog Devices

Back Button ADXL330KCPZ Datasheet HTML 8Page - Analog Devices ADXL330KCPZ Datasheet HTML 9Page - Analog Devices ADXL330KCPZ Datasheet HTML 10Page - Analog Devices ADXL330KCPZ Datasheet HTML 11Page - Analog Devices ADXL330KCPZ Datasheet HTML 12Page - Analog Devices ADXL330KCPZ Datasheet HTML 13Page - Analog Devices ADXL330KCPZ Datasheet HTML 14Page - Analog Devices ADXL330KCPZ Datasheet HTML 15Page - Analog Devices ADXL330KCPZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADXL330
Rev. 0 | Page 14 of 16
OUTLINE DIMENSIONS
16
5
13
8
9
12
1
4
0.65 BSC
2.43
1.75 SQ
1.08
1.95 BSC
0.20 MIN
PIN 1
INDICATOR
BOTTOM
VIEW
0.20 MIN
SEATING
PLANE
1.50
1.45
1.40
PIN 1
INDICATOR
TOP
VIEW
COPLANARITY
0.05
0.05 MAX
0.02 NOM
0.35
0.30
0.25
0.55
0.50
0.45
4.15
4.00 SQ
3.85
Figure 33. 16-Lead Lead Frame Chip Scale Package [LFCSP_LQ]
4 mm × 4 mm Body, Thick Quad
(CP-16-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Measurement Range
Specified Voltage
Temperature Range
Package Description
Package Option
ADXL330KCPZ1
±3 g
3 V
−25°C to +70°C
16-Lead LFCSP_LQ
CP-16-5
ADXL330KCPZ–RL1
±3 g
3 V
−25°C to +70°C
16-Lead LFCSP_LQ
CP-16-5
EVAL-ADXL330
Evaluation Board
1 Z = Pb-free part.


유사한 부품 번호 - ADXL330KCPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADXL330KCPZ-RL1 AD-ADXL330KCPZ-RL1 Datasheet
489Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS짰 Accelerometer
REV. A
ADXL330KCPZ1 AD-ADXL330KCPZ1 Datasheet
489Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS짰 Accelerometer
REV. A
More results

유사한 설명 - ADXL330KCPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADXL323 AD-ADXL323 Datasheet
293Kb / 16P
   Small, Low Power, 2-Axis 짹3 g i MEMS Accelerometer
REV. 0
ADXL330 AD-ADXL330_07 Datasheet
489Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS짰 Accelerometer
REV. A
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL337BCPZ-RL AD-ADXL337BCPZ-RL Datasheet
357Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Small, Low Power, 3-Axis 짹3 g
REV. 0
ADXL337 AD-ADXL337 Datasheet
357Kb / 16P
   Small, Low Power, 3-Axis 짹3 g
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com