전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX111T 데이터시트(Datasheet) 4 Page - KEC(Korea Electronics)

부품명 KTX111T
상세내용  EPITAXIAL PLANAR NPN/PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 4 page
background image
2002. 1. 24
4/4
KTX111T
Revision No : 1
I - V
B
BE
BE
BASE-EMITTER VOLTAGE V
(V)
0-0.2
-0.3
-0.01
-0.5
COLLECTOR CURRENT I
(mA)
C
C
CE(sat)
V
- I
-1
-3
-10
-30
-100
-300
-1k
-0.03
-0.05
-0.1
-0.3
-0.5
-1
-3
COMMON EMITTER
I /I =10
C B
Ta=100 C
Ta=25 C
Ta=-25 C
-0.4
-0.6
-0.8
-1.0
-1.2
-30
-1
-3
-10
-100
-300
-1k
-3k
COMMON
EMITTER
V
=-6V
CE
AMBIENT TEMPERATURE Ta ( C)
0
0
Pc - Ta
20
40
60
80
100
120
140 160
0.2
0.4
0.6
0.8
1.0
1.2
MOUNTED ON A
CERAMIC BOARD
(600mm
0.8mm)
2




Html 페이지

1  2  3  4 


데이터시트



관련 부품명

부품명상세내용Html View제조사
2SC2695NPN EPITAXIAL PLANAR TYPE RF POWER TRANSISTOR 1 2 3 4 Mitsubishi Electric Semiconductor
UNR32A7Silicon NPN epitaxial planar transistor 1 2 3 Panasonic Semiconductor
2SC3105NPN EPITAXIAL PLANAR TYPE RF POWER TRANSISTOR 1 2 Mitsubishi Electric Semiconductor
2SC4838NPN EPITAXIAL PLANAR TYPE RF POWER TRANSISTOR 1 2 3 Mitsubishi Electric Semiconductor
2SC6014NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications 1 2 3 4 Sanyo Semicon Device
HJ3953NPN EPITAXIAL PLANAR TRANSISTOR 1 2 3 Hi-Sincerity Mocroelectronics
BTA1036N3General Purpose PNP Epitaxial Planar Transistor 1 2 3 4 5 Cystech Electonics Corp.
BTA1722N3High Voltage PNP Epitaxial Planar Transistor 1 2 3 4 Cystech Electonics Corp.
BTB1236AE3Silicon PNP Epitaxial Planar Transistor 1 2 3 4 Cystech Electonics Corp.
BTB1580M3PNP Epitaxial Planar Transistor 1 2 3 4 Cystech Electonics Corp.