전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS880E18T-80I 데이터시트(PDF) 6 Page - GSI Technology

부품명 GS880E18T-80I
상세설명  512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS880E18T-80I 데이터시트(HTML) 6 Page - GSI Technology

Back Button GS880E18T-80I Datasheet HTML 2Page - GSI Technology GS880E18T-80I Datasheet HTML 3Page - GSI Technology GS880E18T-80I Datasheet HTML 4Page - GSI Technology GS880E18T-80I Datasheet HTML 5Page - GSI Technology GS880E18T-80I Datasheet HTML 6Page - GSI Technology GS880E18T-80I Datasheet HTML 7Page - GSI Technology GS880E18T-80I Datasheet HTML 8Page - GSI Technology GS880E18T-80I Datasheet HTML 9Page - GSI Technology GS880E18T-80I Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Rev: 1.11 11/2000
6/25
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary
GS880E18/32/36T-11/11.5/100/80/66
GS880E32 Block Diagram
A1
A0
A0
A1
D0
D1
Q1
Q0
Counter
Load
D
Q
D
Q
Register
Register
D
Q
Register
D
Q
Register
D
Q
Register
D
Q
Register
D
Q
Register
D
Q
Register
A0–An
LBO
ADV
CK
ADSC
ADSP
GW
BW
BA
BB
BC
BD
E1
G
ZZ
Power Down
Control
Memory
Array
4
A
Q
D
E2
E3
0
FT
36
36
DQx0–DQx9
Note: Only x36 version shown for simplicity.


유사한 부품 번호 - GS880E18T-80I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS880E18AT GSI-GS880E18AT Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT-133 GSI-GS880E18AT-133 Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT-133I GSI-GS880E18AT-133I Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT-150 GSI-GS880E18AT-150 Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT-150I GSI-GS880E18AT-150I Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
More results

유사한 설명 - GS880E18T-80I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F18AT GSI-GS880F18AT Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F18T GSI-GS880F18T Datasheet
351Kb / 25P
   512K x 18, 256K x 36 8Mb Sync Burst SRAMs
GS881E18T GSI-GS881E18T Datasheet
469Kb / 34P
   512K x 18, 256K x 36 ByteSafe 8Mb Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118T GSI-GS88118T Datasheet
464Kb / 33P
   512K x 18, 256K x 36 ByteSafe??8Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT-V GSI-GS880E18BT-V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT-V GSI-GS88118BT-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com