전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS840H32AB-100 데이터시트(PDF) 4 Page - GSI Technology

부품명 GS840H32AB-100
상세설명  256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS840H32AB-100 데이터시트(HTML) 4 Page - GSI Technology

  GS840H32AB-100 Datasheet HTML 1Page - GSI Technology GS840H32AB-100 Datasheet HTML 2Page - GSI Technology GS840H32AB-100 Datasheet HTML 3Page - GSI Technology GS840H32AB-100 Datasheet HTML 4Page - GSI Technology GS840H32AB-100 Datasheet HTML 5Page - GSI Technology GS840H32AB-100 Datasheet HTML 6Page - GSI Technology GS840H32AB-100 Datasheet HTML 7Page - GSI Technology GS840H32AB-100 Datasheet HTML 8Page - GSI Technology GS840H32AB-100 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
GS840H18/32/36AT/B-180/166/150/100
Rev: 1.11 10/2004
4/30
© 1999, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS840H36A 100-Pin TQFP Pinout (Package T)
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
VDDQ
VSS
DQC
DQC
VSS
VDDQ
DQC
DQC
VDD
NC
VSS
DQD
DQD
VDDQ
VSS
DQD
DQD
DQD
VSS
VDDQ
VDDQ
VSS
DQB
DQB
VSS
VDDQ
DQB
DQB
VSS
NC
VDD
ZZ
DQA
DQA
VDDQ
VSS
DQA
DQA
VSS
VDDQ
128K x 36
Top View
DQB
DQPB
DQB
DQB
DQB
DQA
DQA
DQA
DQA
DQPA
DQC
DQC
DQC
DQD
DQD
DQD
DQPD
DQC
DQPC
10099 989796959493929190898887868584838281
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
FT


유사한 부품 번호 - GS840H32AB-100

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS84018 GSI-GS84018 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018AB-100 GSI-GS84018AB-100 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018AB-100I GSI-GS84018AB-100I Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018AB-150 GSI-GS84018AB-150 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018AB-150I GSI-GS84018AB-150I Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
More results

유사한 설명 - GS840H32AB-100

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS840E18T GSI-GS840E18T Datasheet
631Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840FH18AT GSI-GS840FH18AT Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018T GSI-GS84018T Datasheet
629Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E18AT GSI-GS840E18AT Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840F18AT GSI-GS840F18AT Datasheet
554Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018 GSI-GS84018 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com