전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS840E32B-166I 데이터시트(PDF) 8 Page - GSI Technology

부품명 GS840E32B-166I
상세설명  256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS840E32B-166I 데이터시트(HTML) 8 Page - GSI Technology

Back Button GS840E32B-166I Datasheet HTML 4Page - GSI Technology GS840E32B-166I Datasheet HTML 5Page - GSI Technology GS840E32B-166I Datasheet HTML 6Page - GSI Technology GS840E32B-166I Datasheet HTML 7Page - GSI Technology GS840E32B-166I Datasheet HTML 8Page - GSI Technology GS840E32B-166I Datasheet HTML 9Page - GSI Technology GS840E32B-166I Datasheet HTML 10Page - GSI Technology GS840E32B-166I Datasheet HTML 11Page - GSI Technology GS840E32B-166I Datasheet HTML 12Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Rev: 2.05 6/2000
8/31
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com
.
GS840E18/32/36T/B-180/166/150/100
GS840E36Pad Out
119 Bump BGA - Top View
1
2
3
4
5
6
7
A
VDDQ
A6
A7
ADSP
A8
A9
VDDQ
B
NC
E2
A4
ADSC
A15
E3
NC
C
NC
A5
A3
VDD
A14
A16
NC
D
DQC4
DQC9
VSS
NC
VSS
DQB9
DQB4
E
DQC3
DQC8
VSS
E1
VSS
DQB8
DQB3
F
VDDQ
DQC7
VSS
G
VSS
DQB7
VDDQ
G
DQC2
DQC6
BC
ADV
BB
DQB6
DQB2
H
DQC1
DQC5
VSS
GW
VSS
DQB5
DQB1
J
VDDQ
VDD
NC
VDD
NC
VDD
VDDQ
K
DQD1
DQD5
VSS
CK
VSS
DQA5
DQA1
L
DQD2
DQD6
BD
NC
BA
DQA6
DQA2
M
VDDQ
DQD78
VSS
BW
VSS
DQA7
VDDQ
N
DQD3
DQD8
VSS
A1
VSS
DQA8
DQA3
P
DQD4
DQD9
VSS
A0
VSS
DQA9
DQA4
R
NC
A2
LBO
VDD
FT
A13
NC
T
NC
NC
A10
A11
A12
NC
ZZ
U
VDDQ
NC
NC
NC
NC
NC
VDDQ


유사한 부품 번호 - GS840E32B-166I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS840E32AB-100 GSI-GS840E32AB-100 Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E32AB-100I GSI-GS840E32AB-100I Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E32AB-150 GSI-GS840E32AB-150 Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E32AB-150I GSI-GS840E32AB-150I Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E32AB-166 GSI-GS840E32AB-166 Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
More results

유사한 설명 - GS840E32B-166I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS840H18AT GSI-GS840H18AT Datasheet
747Kb / 30P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840FH18AT GSI-GS840FH18AT Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018T GSI-GS84018T Datasheet
629Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E18AT GSI-GS840E18AT Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840F18AT GSI-GS840F18AT Datasheet
554Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018 GSI-GS84018 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com